Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7806CD2T-TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # L7806CD2T-TR
Description  Positive voltage regulators
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7806CD2T-TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L7806CD2T-TR Datasheet HTML 23Page - STMicroelectronics L7806CD2T-TR Datasheet HTML 24Page - STMicroelectronics L7806CD2T-TR Datasheet HTML 25Page - STMicroelectronics L7806CD2T-TR Datasheet HTML 26Page - STMicroelectronics L7806CD2T-TR Datasheet HTML 27Page - STMicroelectronics L7806CD2T-TR Datasheet HTML 28Page - STMicroelectronics L7806CD2T-TR Datasheet HTML 29Page - STMicroelectronics L7806CD2T-TR Datasheet HTML 30Page - STMicroelectronics L7806CD2T-TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
L78xx - L78xxC
Electrical characteristics
27/56
Table 22.
Electrical characteristics of L7820C (refer to the test circuits, TJ = 0 to 150 °C, VI = 28 V,
IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
19.2
20
20.8
V
VO
Output voltage
IO = 5 mA to 1 A, PO ≤15 W
VI = 23 to 35 V
19
20
21
V
ΔVO(1)
Line regulation
VI = 22.5 to 35 V, TJ = 25°C
400
mV
VI = 26 to 32 V, TJ = 25°C
200
ΔVO(1)
Load regulation
IO = 5 mA to 1.5 A, TJ = 25°C
400
mV
IO = 250 to 750 mA, TJ = 25°C
200
Id
Quiescent current
TJ = 25°C
8
mA
ΔId
Quiescent current change
IO = 5 mA to 1 A
0.5
mA
VI = 23 to 35 V
1
ΔVO/ΔT Output voltage drift
IO = 5 mA
-1
mV/°C
eN
Output noise voltage
B =10 Hz to 100 kHz, TJ = 25°C
150
µV/VO
SVR
Supply voltage rejection
VI = 24 to 35 V, f = 120 Hz
52
dB
Vd
Dropout voltage
IO = 1 A, TJ = 25°C
2
V
RO
Output resistance
f = 1 kHz
24
m
Ω
Isc
Short circuit current
VI = 35 V, TJ = 25°C
0.18
A
Iscp
Short circuit peak current
TJ = 25°C
2.1
A
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.


Similar Part No. - L7806CD2T-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7806CD2T-TR STMICROELECTRONICS-L7806CD2T-TR Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
L7806CD2T-TR STMICROELECTRONICS-L7806CD2T-TR Datasheet
1Mb / 52P
   Positive voltage regulators
L7806CD2T-TR STMICROELECTRONICS-L7806CD2T-TR Datasheet
2Mb / 57P
   Positive voltage regulator ICs
March 2013 Rev 31
L7806CD2T-TR STMICROELECTRONICS-L7806CD2T-TR Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
L7806CD2T-TR STMICROELECTRONICS-L7806CD2T-TR Datasheet
1Mb / 55P
   Positive voltage regulator ICs
Rev 36 - September 2018
More results

Similar Description - L7806CD2T-TR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com