Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD39150 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LD39150
Description  Ultra low drop BICMOS voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39150 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LD39150 Datasheet HTML 7Page - STMicroelectronics LD39150 Datasheet HTML 8Page - STMicroelectronics LD39150 Datasheet HTML 9Page - STMicroelectronics LD39150 Datasheet HTML 10Page - STMicroelectronics LD39150 Datasheet HTML 11Page - STMicroelectronics LD39150 Datasheet HTML 12Page - STMicroelectronics LD39150 Datasheet HTML 13Page - STMicroelectronics LD39150 Datasheet HTML 14Page - STMicroelectronics LD39150 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LD39150
Application notes
11/19
7
Application notes
7.1
External capacitors
The LD39150 requires external capacitors for regulator stability. These capacitors must be
selected to meet the requirements of minimum capacitance and equivalent series resistance
(see
Figure 15. Figure 16.). The input/output capacitors must be located less than 1cm from
the relative pins and connected directly to the input/output ground pins using traces which
have no other currents flowing through them. Any good quality of Ceramic or Electrolytic
capacitors can be used.
7.2
Input capacitor
An input capacitor whose minimum value is 1µF is required with the LD39150 (amount of
capacitance can be increased without limit). This capacitor must be located a distance of not
more than 1cm from the input pin of the device and returned to a clean analog ground. Any
good quality ceramic, tantalum or film capacitors can be used for this capacitor.
7.3
Output capacitor
It is possible to use Ceramic or Tantalum capacitors but the output capacitor must meet the
requirement for minimum amount of capacitance and E.S.R. (equivalent series resistance)
value. A minimum capacitance of 2.2µF is a good choice to guarantee the stability of the
regulator. Anyway, other CO values can be used according to the (Figure 15. Figure 16.)
showing the allowable ESR range as a function of the output capacitance. This curve
represents the stability region over the full temperature and IO range.
7.4
Thermal note
The output capacitor must maintain its ESR in the stable region over the full operating
temperature range to assure stability. Also, capacitors tolerance and variation with
temperature must be kept in consideration in order to assure the minimum amount of
capacitance at all times.
7.5
Inhibit input operation
The inhibit pin can be used to turn OFF the regulator when pulled down, so drastically
reducing the current consumption down to less than 1µA. When the inhibit feature is not
used, this pin must be tied to VI to keep the regulator output ON at all times. To assure
proper operation, the signal source used to drive the inhibit pin must be able to swing above
and below the specified thresholds listed in the electrical characteristics section (VIH VIL).
The inhibit pin must not be left floating because it is not internally pulled down/up.


Similar Part No. - LD39150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39150DT12-R STMICROELECTRONICS-LD39150DT12-R Datasheet
511Kb / 19P
   Ultra low drop BiCMOS voltage regulator
LD39150DT18-R STMICROELECTRONICS-LD39150DT18-R Datasheet
511Kb / 19P
   Ultra low drop BiCMOS voltage regulator
LD39150DT25-R STMICROELECTRONICS-LD39150DT25-R Datasheet
511Kb / 19P
   Ultra low drop BiCMOS voltage regulator
LD39150DT33-R STMICROELECTRONICS-LD39150DT33-R Datasheet
511Kb / 19P
   Ultra low drop BiCMOS voltage regulator
LD39150PT-R STMICROELECTRONICS-LD39150PT-R Datasheet
511Kb / 19P
   Ultra low drop BiCMOS voltage regulator
More results

Similar Description - LD39150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39080 STMICROELECTRONICS-LD39080 Datasheet
504Kb / 20P
   Ultra low drop BICMOS voltage regulator
LD39150XX STMICROELECTRONICS-LD39150XX Datasheet
511Kb / 19P
   Ultra low drop BiCMOS voltage regulator
LD39300 STMICROELECTRONICS-LD39300 Datasheet
359Kb / 17P
   Ultra low drop BICMOS voltage regulator
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
   ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264 Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
TS4264G TSC-TS4264G Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6237 HMSEMI-HM6237 Datasheet
701Kb / 9P
   Ultra low power low drop voltage small current voltage regulator
logo
STMicroelectronics
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
   Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com