Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54HC4053 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M54HC4053
Description  RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4053 Datasheet(HTML) 4 Page - STMicroelectronics

  M54HC4053 Datasheet HTML 1Page - STMicroelectronics M54HC4053 Datasheet HTML 2Page - STMicroelectronics M54HC4053 Datasheet HTML 3Page - STMicroelectronics M54HC4053 Datasheet HTML 4Page - STMicroelectronics M54HC4053 Datasheet HTML 5Page - STMicroelectronics M54HC4053 Datasheet HTML 6Page - STMicroelectronics M54HC4053 Datasheet HTML 7Page - STMicroelectronics M54HC4053 Datasheet HTML 8Page - STMicroelectronics M54HC4053 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M54HC4053
4/12
Table 4: Recommended Operating Conditions
Table 5: DC Specifications
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2to 6
V
VEE
Supply Voltage
-6 to 0
V
VCC -VEE Supply Voltage
2to 12
V
VI
Input Voltage
0 to VCC
V
VI/O
I/O Voltage
VEE to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr,tf
Input Rise and Fall Time
VCC =2.0V
0to1000
ns
VCC =4.5V
0 to 500
VCC =6.0V
0 to 400
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VEE
(V)
TA = 25°C
-40 to 85°C -55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIHC
High Level Input
Voltage
2.0
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
6.0
4.2
4.2
4.2
VILC
Low Level Input
Voltage
2.0
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
6.0
1.8
1.8
1.8
RON
ON Resistance
4.5
GND
VI =VIHC or VILC
VI/O =VCC to VEE
II/O ≤ 2mA
85
180
225
270
4.5
-4.5
55
120
150
180
6.0
-6.0
50
100
125
150
2.0
GND
VI =VIHC or VILC
VI/O =VCC or VEE
II/O ≤ 2mA
150
4.5
GND
70
150
190
230
4.5
-4.5
50
100
125
150
6.0
-6.0
45
80
100
120
∆R
ON
Difference of ON
Resistance
between switches
4.5
GND
VI =VIHC or VILC
VI/O =VCC or VEE
II/O ≤ 2mA
10
30
35
45
4.5
-4.5
5
12
15
18
6.0
-6.0
5
10
12
15
IOFF
Input/Output
Leakage Current
(SWITCH OFF)
6.0
GND
VOS =VCC or
GND
VIS =GND or VCC
VI =VILC or VIHC
±0.06
± 0.6
± 1.2
µA
6.0
-6.0
± 0.1
± 1
± 2
IIZ
Switch Input
Leakage Current
(SWITCH ON,
OUTPUT OPEN)
6.0
GND
VOS =VCC or
GND
VI =VIHC or VILC
±0.06
± 0.6
± 1.2
µA
6.0
-6.0
± 0.1
± 1
± 2
II
Input Leakage
Current
6.0
GND VI =VCC or GND
± 0.1
± 0.1
± 1
µA
ICC
Quiescent Supply
Current
6.0
GND
VI =VCC or GND
440
80
µA
6.0
-6.0
8
80
160


Similar Part No. - M54HC4053

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
301Kb / 15P
   ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC4053B1R STMICROELECTRONICS-M54HC4053B1R Datasheet
301Kb / 15P
   ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
M54HC4053C1R STMICROELECTRONICS-M54HC4053C1R Datasheet
301Kb / 15P
   ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
M54HC4053D STMICROELECTRONICS-M54HC4053D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results

Similar Description - M54HC4053

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4051 STMICROELECTRONICS-M54HC4051_04 Datasheet
289Kb / 12P
   RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com