Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54HC4002K1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M54HC4002K1
Description  RAD-HARD DUAL 4-INPUT NOR GATE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4002K1 Datasheet(HTML) 4 Page - STMicroelectronics

  M54HC4002K1 Datasheet HTML 1Page - STMicroelectronics M54HC4002K1 Datasheet HTML 2Page - STMicroelectronics M54HC4002K1 Datasheet HTML 3Page - STMicroelectronics M54HC4002K1 Datasheet HTML 4Page - STMicroelectronics M54HC4002K1 Datasheet HTML 5Page - STMicroelectronics M54HC4002K1 Datasheet HTML 6Page - STMicroelectronics M54HC4002K1 Datasheet HTML 7Page - STMicroelectronics M54HC4002K1 Datasheet HTML 8Page - STMicroelectronics M54HC4002K1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M54HC4002
4/9
Table 6: AC Electrical Characteristics (CL = 50 pF, Input tr =tf = 6ns)
Table 7: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/2 (per gate)
Figure 3: Test Circuit
CL = 50pF or equivalent (includes jig and probe capacitance)
RT =ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
ttLH ttHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH tPHL Propagation Delay
Time
2.0
48
100
125
150
ns
4.5
12
20
25
30
6.0
10
17
21
26
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
10
10
10
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
20
pF


Similar Part No. - M54HC4002K1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4002K STMICROELECTRONICS-M54HC4002K Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results

Similar Description - M54HC4002K1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC02 STMICROELECTRONICS-M54HC02_04 Datasheet
105Kb / 8P
   RAD-HARD QUAD 2-INPUT NOR GATE
M54HC27 STMICROELECTRONICS-M54HC27_04 Datasheet
103Kb / 8P
   RAD-HARD TRIPLE 3-INPUT NOR GATE
M54HC20 STMICROELECTRONICS-M54HC20_04 Datasheet
104Kb / 8P
   RAD-HARD DUAL 4-INPUT NAND GATE
M54HC4072 STMICROELECTRONICS-M54HC4072_04 Datasheet
192Kb / 9P
   RAD-HARD DUAL 4-INPUT OR GATE
M54HC21 STMICROELECTRONICS-M54HC21_04 Datasheet
119Kb / 8P
   RAD-HARD DUAL 4-INPUT AND GATE
HCF4002B STMICROELECTRONICS-HCF4002B_01 Datasheet
131Kb / 7P
   DUAL 4-INPUT NOR GATE
logo
System Logic Semiconduc...
SL4002B SLS-SL4002B Datasheet
30Kb / 4P
   Dual 4-Input NOR Gate
logo
Toshiba Semiconductor
TC74HC4002AP TOSHIBA-TC74HC4002AP Datasheet
177Kb / 4P
   DUAL 4-INPUT NOR GATE
logo
NXP Semiconductors
HEF4002B PHILIPS-HEF4002B Datasheet
24Kb / 3P
   Dual 4-input NOR gate
January 1995
logo
Nexperia B.V. All right...
74HC4002-Q100 NEXPERIA-74HC4002-Q100 Datasheet
717Kb / 14P
   Dual 4-input NOR gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com