Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T835H-6G Datasheet(PDF) 3 Page - STMicroelectronics

Part # T835H-6G
Description  High temperature 8 A Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835H-6G Datasheet(HTML) 3 Page - STMicroelectronics

  T835H-6G Datasheet HTML 1Page - STMicroelectronics T835H-6G Datasheet HTML 2Page - STMicroelectronics T835H-6G Datasheet HTML 3Page - STMicroelectronics T835H-6G Datasheet HTML 4Page - STMicroelectronics T835H-6G Datasheet HTML 5Page - STMicroelectronics T835H-6G Datasheet HTML 6Page - STMicroelectronics T835H-6G Datasheet HTML 7Page - STMicroelectronics T835H-6G Datasheet HTML 8Page - STMicroelectronics T835H-6G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
T835H, T850H
Characteristics
3/10
Table 3.
Static Characteristics
Symbol
Test Conditions
Value
Unit
VT
(1)
ITM = 11 A, tp = 380 µs
Tj = 25° C
MAX.
1.5
V
Vt0
(1)
Threshold voltage
Tj = 150° C
MAX.
0.80
V
Rd
(1)
Dynamic resistance
Tj = 150° C
MAX.
52
m
Ω
IDRM
IRRM
(2)
VDRM = VRRM
Tj = 25° C
MAX.
5
µA
Tj = 150° C
MAX.
3.1
mA
VD/VR = 400 V (at peak mains voltage) Tj = 150° C
MAX.
2.5
VD/VR = 200 V (at peak mains voltage) Tj = 150° C
MAX.
2.0
1.
for both polarities of A2 referenced to A1.
2.
tp = 380 µs.
Table 4.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
D2PAK / TO-220AB
1.85
° C/W
TO-220AB Ins
3.7
Rth(j-a)
Junction to ambient
S = 1 cm2
D2PAK
45
TO-220AB / TO-220AB Ins
60
Figure 1.
Maximum power dissipation versus
RMS on-state current (full cycle)
Figure 2.
RMS on-state current versus case
temperature (full cycle)
0
1
2
3
4
5
6
7
8
9
10
012345678
P(W)
α=180 °
180°
IT(RMS)(A)
0
1
2
3
4
5
6
7
8
9
0
25
50
75
100
125
150
I
T(RMS) (A)
TO-220AB
Insulated
TO-220AB/D²PAK
TC(°C)


Similar Part No. - T835H-6G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T835H-6I ISC-T835H-6I Datasheet
241Kb / 2P
   isc Triacs
More results

Similar Description - T835H-6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810H STMICROELECTRONICS-T810H Datasheet
124Kb / 10P
   High temperature 8 A sensitive TRIACs
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
   High temperature 12 A Triacs
April 2007 Rev 1
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
   High temperature 10 A Triacs
T1635H STMICROELECTRONICS-T1635H_07 Datasheet
136Kb / 10P
   High temperature 16 A Triacs
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
logo
STMicroelectronics
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
   High temperature 6 A sensitive TRIACs
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
   Snubberless??high temperature 30 A Triacs
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
   High temperature 4 A sensitive TRIACs
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
   Snubberless high temperature 30 A Triacs
T2035H STMICROELECTRONICS-T2035H_07 Datasheet
137Kb / 10P
   High temperature 20 A Snubberless??TRIACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com