Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T835H Datasheet(PDF) 5 Page - STMicroelectronics

Part # T835H
Description  High temperature 8 A Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835H Datasheet(HTML) 5 Page - STMicroelectronics

  T835H Datasheet HTML 1Page - STMicroelectronics T835H Datasheet HTML 2Page - STMicroelectronics T835H Datasheet HTML 3Page - STMicroelectronics T835H Datasheet HTML 4Page - STMicroelectronics T835H Datasheet HTML 5Page - STMicroelectronics T835H Datasheet HTML 6Page - STMicroelectronics T835H Datasheet HTML 7Page - STMicroelectronics T835H Datasheet HTML 8Page - STMicroelectronics T835H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
T835H, T850H
Characteristics
5/10
Figure 9.
Relative variation of critical rate of
decrease of main current (dI/dt)c
versus reapplied (dV/dt)c
(typical values)
Figure 10.
Relative variation of critical rate of
decrease of main current versus
junction temperature
Figure 11.
Leakage current versus junction
temperature for different values of
blocking voltage (typical values)
Figure 12.
Variation of thermal resistance
junction to ambient versus copper
surface under tab (Epoxy printed
circuit board FR4,
copper thickness = 35 µm)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
100.0
(dI/dt)
c [(dV/dt) c ] / Specified (dI/dt)c
(dV/dt)C (V/µs)
0
1
2
3
4
5
6
7
8
25
50
75
100
125
150
(dI/dt)
c [Tj] / (dI/dt)c [Tj=150°C]
Tj(°C)
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
25
50
75
100
125
150
I
DRM/IRRM(µA)
V
DRM=VRRM=400 V
V
DRM=VRRM=400 V
V
DRM=VRRM=600 V
V
DRM=VRRM=600 V
V
DRM=VRRM=200 V
V
DRM=VRRM=200 V
Tj(°C)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
R
th(j-a)(°C/W)
D²PAK
SCU(cm²)


Similar Part No. - T835H

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T835H-6I ISC-T835H-6I Datasheet
241Kb / 2P
   isc Triacs
T835H-8F ISC-T835H-8F Datasheet
240Kb / 2P
   isc Triacs
logo
STMicroelectronics
T835H-8G STMICROELECTRONICS-T835H-8G Datasheet
263Kb / 12P
   8 A - 800 V - 150 째C 8H Triac in D2PAK
Rev 2 - December 2020
T835H-8G-TR STMICROELECTRONICS-T835H-8G-TR Datasheet
263Kb / 12P
   8 A - 800 V - 150 째C 8H Triac in D2PAK
Rev 2 - December 2020
T835H-8I STMICROELECTRONICS-T835H-8I Datasheet
263Kb / 11P
   8 A - 800 V - 150 째C 8H Triac in TO-220AB insulated
Rev 2 - December 2020
More results

Similar Description - T835H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810H STMICROELECTRONICS-T810H Datasheet
124Kb / 10P
   High temperature 8 A sensitive TRIACs
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
   High temperature 12 A Triacs
April 2007 Rev 1
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
   High temperature 10 A Triacs
T1635H STMICROELECTRONICS-T1635H_07 Datasheet
136Kb / 10P
   High temperature 16 A Triacs
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
logo
STMicroelectronics
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
   High temperature 6 A sensitive TRIACs
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
   Snubberless??high temperature 30 A Triacs
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
   High temperature 4 A sensitive TRIACs
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
   Snubberless high temperature 30 A Triacs
T2035H STMICROELECTRONICS-T2035H_07 Datasheet
137Kb / 10P
   High temperature 20 A Snubberless??TRIACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com