Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08DV60F1VLF Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC9S08DV60F1VLF
Description  HCS08 Microcontrollers
Download  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DV60F1VLF Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08DV60F1VLF Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08DV60F1VLF Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08DV60F1VLF Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08DV60F1VLF Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08DV60F1VLF Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08DV60F1VLF Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08DV60F1VLF Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08DV60F1VLF Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08DV60F1VLF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 414 page
background image
8-Bit HCS08 Central Processor Unit (CPU)
• 40-MHz HCS08 CPU (20-MHz bus)
• HC08 instruction set with added BGND instruction
• Support for up to 32 interrupt/reset sources
On-Chip Memory
• Flash read/program/erase over full operating voltage
and temperature
— MC9S08DV60 = 60K
— MC9S08DV48 = 48K
— MC9S08DV32 = 32K
— MC9S08DV16 = 16K
• Up to 3K Random-access memory (RAM)
Power-Saving Modes
• Two very low power stop modes
• Reduced power wait mode
• Very low power real time interrupt for use in run, wait,
and stop
Clock Source Options
• Oscillator (XOSC) — Loop-control Pierce oscillator;
Crystal or ceramic resonator range of 31.25 kHz to
38.4 kHz or 1 MHz to 16 MHz
• Multi-purpose Clock Generator (MCG) — PLL and
FLL modes (FLL capable of 1.5% deviation using
internal temperature compensation); Internal reference
clock with trim adjustment (trimmed at factory, with
trim value stored in flash); External reference with
oscillator/resonator options
System Protection
• Watchdog computer operating properly (COP) reset
with option to run from backup dedicated 1-kHz
internal clock source or bus clock
• Low-voltage detection with reset or interrupt; selectable
trip points
• Illegal opcode detection with reset
• Illegal address detection with reset
• Flash block protect
• Loss-of-lock protection
Development Support
• Single-wire background debug interface
• On-chip, in-circuit emulation (ICE) with real-time bus
capture
Peripherals
• ADC — 16-channel, 12-bit resolution, 2.5
μs
conversion time, automatic compare function,
temperature sensor, internal bandgap reference channel
• ACMPx — Two analog comparators with selectable
interrupt on rising, falling, or either edge of comparator
output; compare option to fixed internal bandgap
reference voltage
• MSCAN — CAN protocol - Version 2.0 A, B; standard
and extended data frames; Support for remote frames;
Five receive buffers with FIFO storage scheme; Flexible
identifier acceptance filters programmable as: 2 x
32-bit, 4 x 16-bit, or 8 x 8-bit
• SCIx — Up to Two SCIs supporting LIN 2.0 Protocol
and SAE J2602 protocols; Full duplex non-return to
zero (NRZ); Master extended break generation; Slave
extended break detection; Wakeup on active edge
• SPI — Full-duplex or single-wire bidirectional;
Double-buffered transmit and receive; Master or Slave
mode; MSB-first or LSB-first shifting
• IIC — Up to 100 kbps with maximum bus loading;
Multi-master operation; Programmable slave address;
General Call Address; Interrupt driven byte-by-byte
data transfer
• TPMx — One 6-channel (TPM1) and one 2-channel
(TPM2); Selectable input capture, output compare, or
buffered edge-aligned PWM on each channel
• RTC — (Real-time counter) 8-bit modulus counter with
binary or decimal based prescaler; External clock
source for precise time base, time-of-day, calendar or
task scheduling functions; Free running on-chip low
power oscillator (1 kHz) for cyclic wake-up without
external components
Input/Output
• 53 general-purpose input/output (I/O) pins and 1
input-only pin
• 24 interrupt pins with selectable polarity on each pin
• Hysteresis and configurable pull device on all input
pins.
• Configurable slew rate and drive strength on all output
pins.
Package Options
• 64-pin low-profile quad flat-pack (LQFP) — 10x10 mm
• 48-pin low-profile quad flat-pack (LQFP) — 7x7 mm
• 32-pin low-profile quad flat-pack (LQFP) — 7x7 mm
MC9S08DV60 Series Features


Similar Part No. - MC9S08DV60F1VLF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DV128 FREESCALE-MC9S08DV128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08DV128F2CLF FREESCALE-MC9S08DV128F2CLF Datasheet
4Mb / 458P
   Microcontrollers
MC9S08DV128F2CLH FREESCALE-MC9S08DV128F2CLH Datasheet
4Mb / 458P
   Microcontrollers
MC9S08DV128F2CLL FREESCALE-MC9S08DV128F2CLL Datasheet
4Mb / 458P
   Microcontrollers
MC9S08DV128F2MLF FREESCALE-MC9S08DV128F2MLF Datasheet
4Mb / 458P
   Microcontrollers
More results

Similar Description - MC9S08DV60F1VLF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SG32 FREESCALE-MC9S08SG32 Datasheet
3Mb / 328P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
MC9S08QG8 FREESCALE-MC9S08QG8_09 Datasheet
5Mb / 314P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
   HCS08 Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_10 Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com