Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMIF10-COM01F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF10-COM01F2
Description  10-line IPAD, EMI filter including ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-COM01F2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF10-COM01F2_08 Datasheet HTML 1Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 2Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 3Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 4Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 5Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 6Page - STMicroelectronics EMIF10-COM01F2_08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Application information
EMIF10-COM01F2
4/7
2
Application information
Figure 9.
Aplac model
2.1
PCB grounding recommendations
In order to ensure a good efficiency in terms of ESD protection and filtering behavior, we
recommend to implement microvias (100 µm dia.) between the GND bumps and the GND
layer. GND bumps can be connected together in PCB layer 1, and in addition, if possible,
use through hole vias (200 µm dia.) in both sides of filter to improve contact to GND (layer).
This layout will minimize the distance to the ground and thus parasitic inductances. In
addition, we recommend to have GND plane wherever possible.
3
Ordering information scheme
Figure 10.
Ordering information scheme
Demif10 model
BV = 7
IBV = 1m
CJO = 25p
M = 0.3333
RS = 1
VJ = 0.6
TT = 100n
out
in
200R
MODEL = demif10
MODEL = demif10
sub
EMIF
yy
-
xxx zz
Fx
EMI Filter
Number of lines
Information
Package
x = resistance value (Ohms)
z = capacitance value / 10(pF)
or
3 letters = application
2 digits = version
F = Flip Chip
x = 2: Lead-free, pitch = 500 µm, bump = 315 µm


Similar Part No. - EMIF10-COM01F2_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-COM01F2 STMICROELECTRONICS-EMIF10-COM01F2 Datasheet
114Kb / 7P
   EMI FILTER INCLUDING ESD PROTECTION
More results

Similar Description - EMIF10-COM01F2_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2_08 Datasheet
183Kb / 8P
   10-line IPAD?? EMI filter including ESD protection
EMIF01-SMIC01F2 STMICROELECTRONICS-EMIF01-SMIC01F2 Datasheet
150Kb / 7P
   Single line IPAD?? EMI filter including ESD protection
EMIF02-MIC01F2 STMICROELECTRONICS-EMIF02-MIC01F2 Datasheet
381Kb / 7P
   2-line IPAD, EMI filter including ESD protection
EMIF02-MIC02F3 STMICROELECTRONICS-EMIF02-MIC02F3 Datasheet
183Kb / 8P
   2-line IPAD, EMI filter including ESD protection
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_08 Datasheet
188Kb / 8P
   2-line IPAD, EMI filter including ESD protection
EMIF03-SIM04F3 STMICROELECTRONICS-EMIF03-SIM04F3 Datasheet
193Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
EMIF03SIM02F2 STMICROELECTRONICS-EMIF03SIM02F2 Datasheet
153Kb / 8P
   3-line IPAD?? EMI filter including ESD protection
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2_10 Datasheet
188Kb / 8P
   3-line IPAD??EMI filter including ESD protection
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3_10 Datasheet
288Kb / 9P
   3-line IPAD?? EMI filter including ESD protection
EMIF03-SIM06F3 STMICROELECTRONICS-EMIF03-SIM06F3 Datasheet
321Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
December 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com