Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4019BM1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4019BM1
Description  QUAD AND/OR SELECT GATE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4019BM1 Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4019BM1 Datasheet HTML 1Page - STMicroelectronics HCF4019BM1 Datasheet HTML 2Page - STMicroelectronics HCF4019BM1 Datasheet HTML 3Page - STMicroelectronics HCF4019BM1 Datasheet HTML 4Page - STMicroelectronics HCF4019BM1 Datasheet HTML 5Page - STMicroelectronics HCF4019BM1 Datasheet HTML 6Page - STMicroelectronics HCF4019BM1 Datasheet HTML 7Page - STMicroelectronics HCF4019BM1 Datasheet HTML 8Page - STMicroelectronics HCF4019BM1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HCF4019B
2/9
INPUT EQUIVALENT CIRCUIT
LOGIC DIAGRAM
PIN DESCRIPTION
TRUTH TABLE
X : Don"t Care
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
PIN No
SYMBOL
NAME AND FUNCTION
6, 4, 2, 15
A1 to A4
Data Inputs
7, 5, 3, 1
B1 to B4
Data inputs
10, 11,12, 13
D1 to D4
Data Outputs
9, 14
Ka, Kb
Control bits
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage
CONTROL
INPUTS
OUTPUT
Ka
Kb
A1 to A4
B1 to B4
D1 to D4
HX
H
X
H
H
XLXL
XH
X
H
H
XH
X
L
L
LL
X
X
L
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.5 to +22
V
VI
DC Input Voltage
-0.5 to VDD + 0.5
V
II
DC Input Current
± 10
mA
PD
Power Dissipation per Package
200
mW
Power Dissipation per Output Transistor
100
mW
Top
Operating Temperature
-55 to +125
°C
Tstg
Storage Temperature
-65 to +150
°C
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
3 to 20
V
VI
Input Voltage
0 to VDD
V
Top
Operating Temperature
-55 to 125
°C


Similar Part No. - HCF4019BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4019BM1 STMICROELECTRONICS-HCF4019BM1 Datasheet
281Kb / 13P
   QUAD AND/OR SELECT GATE
More results

Similar Description - HCF4019BM1

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MMC4019 MICRO-ELECTRONICS-MMC4019 Datasheet
102Kb / 4P
   QUAD AND OR SELECT GATE
logo
Fairchild Semiconductor
CD4019BC FAIRCHILD-CD4019BC Datasheet
59Kb / 6P
   Quad AND-OR Select Gate
logo
STMicroelectronics
HCC4019B STMICROELECTRONICS-HCC4019B Datasheet
281Kb / 13P
   QUAD AND/OR SELECT GATE
logo
System Logic Semiconduc...
SL4019B SLS-SL4019B Datasheet
43Kb / 4P
   Quad AND/OR Select Gate
logo
National Semiconductor ...
CD4019BM NSC-CD4019BM Datasheet
107Kb / 4P
   Quad AND-OR Select Gate
logo
List of Unclassifed Man...
IW4019B ETC1-IW4019B Datasheet
245Kb / 5P
   Quad AND/OR Select Gate
logo
Texas Instruments
CD4019B TI-CD4019B Datasheet
515Kb / 11P
[Old version datasheet]   CMOS Quad AND/OR Select Gate
logo
Intersil Corporation
CD4019BMS INTERSIL-CD4019BMS Datasheet
112Kb / 9P
   CMOS Quad AND/OR Select Gate
November 1994
logo
KODENSHI_AUK CORP.
KK4019B KODENSHI-KK4019B Datasheet
259Kb / 5P
   Quad AND/OR Select Gate High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD4019B TI1-CD4019B_15 Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com