Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4002B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4002B
Description  DUAL 4-INPUT NOR GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4002B Datasheet(HTML) 6 Page - STMicroelectronics

  HCF4002B_01 Datasheet HTML 1Page - STMicroelectronics HCF4002B_01 Datasheet HTML 2Page - STMicroelectronics HCF4002B_01 Datasheet HTML 3Page - STMicroelectronics HCF4002B_01 Datasheet HTML 4Page - STMicroelectronics HCF4002B_01 Datasheet HTML 5Page - STMicroelectronics HCF4002B_01 Datasheet HTML 6Page - STMicroelectronics HCF4002B_01 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HCF4002B
6/7
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45° (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.68
0.026
S8° (max.)
SO-14 MECHANICAL DATA
PO13G


Similar Part No. - HCF4002B_01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4002BC1 STMICROELECTRONICS-HCF4002BC1 Datasheet
289Kb / 13P
   NOR GATE
September 1988
HCF4002BEY STMICROELECTRONICS-HCF4002BEY Datasheet
289Kb / 13P
   NOR GATE
September 1988
HCF4002BM1 STMICROELECTRONICS-HCF4002BM1 Datasheet
289Kb / 13P
   NOR GATE
September 1988
More results

Similar Description - HCF4002B_01

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4002B SLS-SL4002B Datasheet
30Kb / 4P
   Dual 4-Input NOR Gate
logo
Toshiba Semiconductor
TC74HC4002AP TOSHIBA-TC74HC4002AP Datasheet
177Kb / 4P
   DUAL 4-INPUT NOR GATE
logo
NXP Semiconductors
HEF4002B PHILIPS-HEF4002B Datasheet
24Kb / 3P
   Dual 4-input NOR gate
January 1995
logo
Nexperia B.V. All right...
74HC4002-Q100 NEXPERIA-74HC4002-Q100 Datasheet
717Kb / 14P
   Dual 4-input NOR gate
74HCT4002-Q100 NEXPERIA-74HCT4002-Q100 Datasheet
716Kb / 14P
   Dual 4-input NOR gate
Rev. 1 - 18 July 2012
logo
STMicroelectronics
M54HC4002 STMICROELECTRONICS-M54HC4002 Datasheet
233Kb / 9P
   DUAL 4 INPUT NOR GATE
logo
NXP Semiconductors
74HC4002 PHILIPS-74HC4002 Datasheet
34Kb / 6P
   Dual 4-input NOR gate
December 1990
logo
Hitachi Semiconductor
HD14002B HITACHI-HD14002B Datasheet
49Kb / 4P
   Dual 4-input NOR Gate
logo
Nexperia B.V. All right...
74HC4002 NEXPERIA-74HC4002 Datasheet
221Kb / 11P
   Dual 4-input NOR gate
Rev. 7 - 13 September 2021
HEF4002B NEXPERIA-HEF4002B Datasheet
714Kb / 11P
   Dual 4-input NOR gate
Rev. 4 - 17 October 2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com