Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMIF03-SIM02F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF03-SIM02F3
Description  3-line IPAD, EMI filter including ESD protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM02F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF03-SIM02F3 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM02F3 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM02F3 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM02F3 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM02F3 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM02F3 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM02F3 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM02F3 Datasheet HTML 8Page - STMicroelectronics EMIF03-SIM02F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EMIF03-SIM02F3
Characteristics
3/9
Figure 3.
S21 (dB) attenuation measurement
(A2-A3 line)
Figure 4.
S21 (dB) attenuation measurement
(B1-B3 line)
dB
100.0k
1.0M
10.0M
100.0M
1.0G
-40.00
-30.00
-20.00
-10.00
0.00
a2/a3
F (Hz)
100.0k
1.0M
10.0M
100.0M
1.0G
-40.00
-30.00
-20.00
-10.00
0.00
b1/b3
100.0k
1.0M
10.0M
100.0M
1.0G
-40.00
-30.00
-20.00
-10.00
0.00
b1/b3
dB
F (Hz)
Figure 5.
S21 (dB) attenuation measurement
(C1-C3 line)
Figure 6.
Analog crosstalk measurement
100.0k
1.0M
10.0M
100.0M
1.0G
-40.00
-30.00
-20.00
-10.00
0.00
c1/c3
100.0k
1.0M
10.0M
100.0M
1.0G
-40.00
-30.00
-20.00
-10.00
0.00
c1/c3
dB
F (Hz)
100.0k
1.0M
10.0M
100.0M
1.0G
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
Xtalka3/b1
100.0k
1.0M
10.0M
100.0M
1.0G
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
Xtalka3/b1
dB
F (Hz)
Figure 7.
Digital crosstalk measurement
Figure 8.
Line capacitance versus reverse
applied voltage (typical)
Output Line 2
2mV/d
Input Line 1
1V/d
Bumps A3 (RST ) and B1 (CLK
)
in
out
10ns/d
5Gs/s
VR(V)
C(pF)
0
3
6
9
12
15
18
02
46


Similar Part No. - EMIF03-SIM02F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3 Datasheet
130Kb / 7P
   3 LINE EMI FILTER INCLUDING ESD PROTECTION
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3_10 Datasheet
288Kb / 9P
   3-line IPAD?? EMI filter including ESD protection
More results

Similar Description - EMIF03-SIM02F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF03-SIM04F3 STMICROELECTRONICS-EMIF03-SIM04F3 Datasheet
193Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
EMIF03SIM02F2 STMICROELECTRONICS-EMIF03SIM02F2 Datasheet
153Kb / 8P
   3-line IPAD?? EMI filter including ESD protection
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2_10 Datasheet
188Kb / 8P
   3-line IPAD??EMI filter including ESD protection
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3_10 Datasheet
288Kb / 9P
   3-line IPAD?? EMI filter including ESD protection
EMIF03-SIM06F3 STMICROELECTRONICS-EMIF03-SIM06F3 Datasheet
321Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
December 2013 Rev 1
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2_08 Datasheet
175Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
EMIF03-SIM02F2 STMICROELECTRONICS-EMIF03-SIM02F2_08 Datasheet
155Kb / 8P
   3-line IPAD, EMI filter including ESD protection
EMIF03-SIM03F3 STMICROELECTRONICS-EMIF03-SIM03F3 Datasheet
197Kb / 8P
   3-line IPAD?? EMI filter including ESD protection
EMIF02-USB04F3 STMICROELECTRONICS-EMIF02-USB04F3 Datasheet
175Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
EMIF01-SMIC01F2 STMICROELECTRONICS-EMIF01-SMIC01F2 Datasheet
150Kb / 7P
   Single line IPAD?? EMI filter including ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com