Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMIF03-SIM02F2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF03-SIM02F2
Description  3-line IPAD, EMI filter including ESD protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM02F2 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF03-SIM02F2_08 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM02F2_08 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM02F2_08 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM02F2_08 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM02F2_08 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM02F2_08 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM02F2_08 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM02F2_08 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EMIF03-SIM02F2
Ordering information scheme
5/8
3
Ordering information scheme
Figure 12.
Ordering information scheme
4
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at
www.st.com.
Figure 13.
Package dimensions
EMIF
yy
-
xxx zz
Fx
EMI Filter
Number of lines
Information
Package
x = resistance value (Ohms)
z = capacitance value / 10(pF)
or
3 letters = application
2 digits = version
F = Flip Chip
x = 2: lead-free pitch = 500 µm, bump = 315 µm
1.39 mm ± 30 µm
315 µm ± 50
500 µm ± 50
650 µm ± 65
195 µm


Similar Part No. - EMIF03-SIM02F2_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF03-SIM02F2 STMICROELECTRONICS-EMIF03-SIM02F2 Datasheet
130Kb / 7P
   3 LINE EMI FILTER INCLUDING ESD PROTECTION
More results

Similar Description - EMIF03-SIM02F2_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF03-SIM04F3 STMICROELECTRONICS-EMIF03-SIM04F3 Datasheet
193Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
EMIF03SIM02F2 STMICROELECTRONICS-EMIF03SIM02F2 Datasheet
153Kb / 8P
   3-line IPAD?? EMI filter including ESD protection
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2_10 Datasheet
188Kb / 8P
   3-line IPAD??EMI filter including ESD protection
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3_10 Datasheet
288Kb / 9P
   3-line IPAD?? EMI filter including ESD protection
EMIF03-SIM06F3 STMICROELECTRONICS-EMIF03-SIM06F3 Datasheet
321Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
December 2013 Rev 1
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2_08 Datasheet
175Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3 Datasheet
307Kb / 9P
   3-line IPAD, EMI filter including ESD protection
EMIF03-SIM03F3 STMICROELECTRONICS-EMIF03-SIM03F3 Datasheet
197Kb / 8P
   3-line IPAD?? EMI filter including ESD protection
EMIF02-USB04F3 STMICROELECTRONICS-EMIF02-USB04F3 Datasheet
175Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
EMIF01-SMIC01F2 STMICROELECTRONICS-EMIF01-SMIC01F2 Datasheet
150Kb / 7P
   Single line IPAD?? EMI filter including ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com