Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP11NM80 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP11NM80
Description  N-CHANNEL 800V - 0.35ohm - 11A TO-220/FP/D2PAK/TO-247 MDmesh Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NM80 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STP11NM80 Datasheet HTML 5Page - STMicroelectronics STP11NM80 Datasheet HTML 6Page - STMicroelectronics STP11NM80 Datasheet HTML 7Page - STMicroelectronics STP11NM80 Datasheet HTML 8Page - STMicroelectronics STP11NM80 Datasheet HTML 9Page - STMicroelectronics STP11NM80 Datasheet HTML 10Page - STMicroelectronics STP11NM80 Datasheet HTML 11Page - STMicroelectronics STP11NM80 Datasheet HTML 12Page - STMicroelectronics STP11NM80 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
STP11NM80 - STF11NM80 - STB11NM80 - STW11NM80
L2
L6
L3
12 3
L7
L4
L5
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.7
0.017
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.7
0.045
0.067
F2
1.15
1.7
0.045
0.067
G
4.95
5.2
0.195
0.204
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
.0385
0.417
L5
2.9
3.6
0.114
0.141
L6
15.9
16.4
0.626
0.645
L7
9
9.3
0.354
0.366
Ø
3
3.2
0.118
0.126
TO-220FP MECHANICAL DATA


Similar Part No. - STP11NM80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM80 STMICROELECTRONICS-STP11NM80 Datasheet
467Kb / 17P
   N-channel 800 V - 0.35 廓 - 11 A - TO-220/FP- D2PAK - TO-247 MDmesh??Power MOSFET
STP11NM80 STMICROELECTRONICS-STP11NM80 Datasheet
949Kb / 17P
   N-channel 800 V, 0.35 廓, 11 A MDmesh??Power MOSFET TO-220, TO-220FP, D2PAK, TO-247
STP11NM80 STMICROELECTRONICS-STP11NM80 Datasheet
908Kb / 22P
   N-channel 800 V, 0.35 Ω, 11 A MDmesh™ Power MOSFET in D²PAK, TO-220FP, I²PAK, TO-220, TO-247
September 2011
logo
Inchange Semiconductor ...
STP11NM80 ISC-STP11NM80 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP11NM80 STMICROELECTRONICS-STP11NM80_10 Datasheet
949Kb / 17P
   N-channel 800 V, 0.35 廓, 11 A MDmesh??Power MOSFET TO-220, TO-220FP, D2PAK, TO-247
More results

Similar Description - STP11NM80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
   N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STB12NM50N STMICROELECTRONICS-STB12NM50N Datasheet
510Kb / 18P
   N-channel 500V - 0.29廓 - 11A - TO-220 /FP- D2PAK - DPAK Second generation MDmesh??Power MOSFET
STB11NM80 STMICROELECTRONICS-STB11NM80_07 Datasheet
467Kb / 17P
   N-channel 800 V - 0.35 廓 - 11 A - TO-220/FP- D2PAK - TO-247 MDmesh??Power MOSFET
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
   N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh?줡ower MOSFET
STP25NM60N STMICROELECTRONICS-STP25NM60N_07 Datasheet
523Kb / 18P
   N-channel 600V - 0.140廓 - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
STB13NM50N STMICROELECTRONICS-STB13NM50N Datasheet
622Kb / 17P
   N-channel 500V - 0.250廓 - 12A - TO-220/FP - TO-247-I2/D2PAK Second generation MDmesh??Power MOSFET
STB25NM50N STMICROELECTRONICS-STB25NM50N_07 Datasheet
514Kb / 18P
   N-channel 500V - 0.11廓 - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
STP20NM50 STMICROELECTRONICS-STP20NM50 Datasheet
532Kb / 16P
   N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
   N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP11NM60 STMICROELECTRONICS-STP11NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com