Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESDA14V2SC6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDA14V2SC6
Description  Quad Transil array for ESD protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2SC6 Datasheet(HTML) 5 Page - STMicroelectronics

  ESDA14V2SC6 Datasheet HTML 1Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 2Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 3Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 4Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 5Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 6Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 7Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 8Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ESDAxxSCx
Application information
5/11
2.3
ESD protection with ESDAxxSCx
Electrostatic discharge (ESD) is a major cause of failure in electronic systems.
Transient Voltage Suppressors (TVS) are an ideal choice for ESD protection. They are
capable of clamping the incoming transient overvoltage to a low enough level such that
damage to the protected semiconductor is prevented.
Surface mount TVS arrays offer the best choice for minimal lead inductance.
They serve as parallel protection elements, connected between the signal line and ground.
As the transient rises above the operating voltage of the device, the TVS array becomes a
low impedance path diverting the transient current to ground.
Figure 10.
ESDAxxSCx array protection against ESD
The ESDAxxSCx array is the ideal board level protection of ESD sensitive semiconductor
components.
The tiny SOT23-5L and SOT23-6L packages allow design flexibility in the high density
boards where the space saving is at a premium. This enables to shorten the routing and
contributes to hardening against ESD.
2.4
Advice for optimizing circuit board layout
Circuit board layout is a critical design step in the suppression of ESD induced transients.
The following guidelines are recommended:
The ESDAxxSC5/6 should be placed as close as possible to the input terminals or
connectors.
The path length between the ESD suppressor and the protected line should be
minimized
All conductive loops, including power and ground loops should be minimized
The ESD transient return path to ground should be kept as short as possible
Ground planes should be used whenever possible
ESD
sensitive
device
GND
ESDAxxxSC6 (1connection to GND for ESDAxxSC5)
I/ O LINES


Similar Part No. - ESDA14V2SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA14V2SC6 STMICROELECTRONICS-ESDA14V2SC6 Datasheet
69Kb / 7P
   QUAD TRANSIL ARRAY FOR ESD PROTECTION
ESDA14V2SC6Y STMICROELECTRONICS-ESDA14V2SC6Y Datasheet
447Kb / 15P
   4 unidirectional Transil functions
October 2015 Rev 1
More results

Similar Description - ESDA14V2SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
   QUAD TRANSIL??ARRAY FOR ESD PROTECTION
ESDAXXSCX STMICROELECTRONICS-ESDAXXSCX Datasheet
86Kb / 10P
   QUAD TRANSIL??ARRAY FOR ESD PROTECTION
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
145Kb / 9P
   QUAD TRANSIL??ARRAY FOR ESD PROTECTION
ESDA6V1-4F1 STMICROELECTRONICS-ESDA6V1-4F1 Datasheet
43Kb / 6P
   QUAD TRANSIL ARRAY FOR ESD PROTECTION
July 2002 - Ed: 2A
ESDAXXSC5 STMICROELECTRONICS-ESDAXXSC5 Datasheet
69Kb / 7P
   QUAD TRANSIL ARRAY FOR ESD PROTECTION
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
   Quad bidirectional Transil array for ESD protection
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
   QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
ESDASCY STMICROELECTRONICS-ESDASCY Datasheet
235Kb / 12P
   Automotive quad Transil??array for ESD protection
September 2012 Rev 1
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
   Quad low capacitance Transil array for ESD protection
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
   TRANSIL ARRAY FOR ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com