Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESDA14V2SC6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA14V2SC6
Description  Quad Transil array for ESD protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2SC6 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA14V2SC6 Datasheet HTML 1Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 2Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 3Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 4Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 5Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 6Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 7Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 8Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Application information
ESDAxxSCx
4/11
2
Application information
2.1
Calculation of the clamping voltage use of the dynamic
resistance
The ESDA family has been designed to clamp fast spikes like ESD. Generally the PCB
designers need to calculate easily the clamping voltage V
CL. This is why we give the
dynamic resistance in addition to the classical parameters. The voltage across the
protection cell can be calculated with the following formula:
V
CL = VBR + Rd IPP
Where I
PP is the peak current through the ESDA cell.
As the value of the dynamic resistance remains stable for a surge duration lower than 20 µs,
the 2.5 µs rectangular surge is well adapted. In addition both rise and fall times are
optimized to avoid any parasitic phenomenon during the measurement of R
d.
2.2
Dynamic resistance measurement
The short duration of the ESD has led us to prefer a more adapted test wave, as below
defined, to the classical 8/20µs and 10/1000 µs surges.
Figure 9.
2.5 µs duration measurement wave
Figure 7.
Relative variation of leakage
current versus junction
temperature (typical values)
Figure 8.
Peak forward voltage drop versus
peak forward current
(typical values)
25
50
75
100
125
1
10
100
500
ESDA14V2SC5/SC6
&
ESDA6V1SC5/SC6
ESDA5V3SC5/SC6
ESDA25SC6
ESDA17SC6
&
ESDA19SC6
T (°C)
j
I [T ] / I [T =25°C]
Rj
Rj
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.01
0.10
1.00
5.00
ESDA25SC6
ESDA17SC6
ESDA5V3SC5/SC6
ESDA14V2SC5/SC6
&
ESDA6V1SC5/SC6
ESDA19SC6
I
(A)
FM
V
(V)
FM
T = 25°C
j
2µs
tp = 2.5µs
t
I
Ipp


Similar Part No. - ESDA14V2SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA14V2SC6 STMICROELECTRONICS-ESDA14V2SC6 Datasheet
69Kb / 7P
   QUAD TRANSIL ARRAY FOR ESD PROTECTION
ESDA14V2SC6Y STMICROELECTRONICS-ESDA14V2SC6Y Datasheet
447Kb / 15P
   4 unidirectional Transil functions
October 2015 Rev 1
More results

Similar Description - ESDA14V2SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
   QUAD TRANSIL??ARRAY FOR ESD PROTECTION
ESDAXXSCX STMICROELECTRONICS-ESDAXXSCX Datasheet
86Kb / 10P
   QUAD TRANSIL??ARRAY FOR ESD PROTECTION
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
145Kb / 9P
   QUAD TRANSIL??ARRAY FOR ESD PROTECTION
ESDA6V1-4F1 STMICROELECTRONICS-ESDA6V1-4F1 Datasheet
43Kb / 6P
   QUAD TRANSIL ARRAY FOR ESD PROTECTION
July 2002 - Ed: 2A
ESDAXXSC5 STMICROELECTRONICS-ESDAXXSC5 Datasheet
69Kb / 7P
   QUAD TRANSIL ARRAY FOR ESD PROTECTION
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
   Quad bidirectional Transil array for ESD protection
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
   QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
ESDASCY STMICROELECTRONICS-ESDASCY Datasheet
235Kb / 12P
   Automotive quad Transil??array for ESD protection
September 2012 Rev 1
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
   Quad low capacitance Transil array for ESD protection
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
   TRANSIL ARRAY FOR ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com