Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESDA14V2SC6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDA14V2SC6
Description  Quad Transil array for ESD protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2SC6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ESDA14V2SC6 Datasheet HTML 2Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 3Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 4Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 5Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 6Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 7Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 8Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 9Page - STMicroelectronics ESDA14V2SC6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Technical information
ESDAxxSCx
6/11
3
Technical information
3.1
ESD protection
The ESDA19SC6 is particularly optimized to perform ESD protection. ESD protection is
achieved by clamping the unwanted overvoltage. The clamping voltage is given by the
following formula :
VCL = VBR + Rd . IPP
As shown in Figure 11., the ESD strikes are clamped by the transient voltage suppressor.
Figure 11.
ESD clamping behavior (example)
To have a good approximation of the remaining voltages at both VI/O side, we provide the
typical dynamical resistance value Rd. By taking into account the following hypothesis :
R
g > Rd and Rload > Rd
we have:
The results of the calculation done for Vg = 8 kV, Rg = 330
Ω (IEC61000-4-2 standard),
VBR = 19 V (typ.) and Rd = 0.80
Ω (typ.) give:
Vouput = 38.4 V
This confirms the very low remaining voltage across the device to be protected. It is also
important to note that in this approximation the parasitic inductance effect was not taken into
account. This could be a few tenths of volts during a few nanoseconds at the output side.
ESD Surge
Voutput
Rload
Rg
Rd
VBR
Vg
Device
to be
protected
ESDA19SC6
V
output
V
BR
R
d
+
V
g
R
g
-------
×
=


Similar Part No. - ESDA14V2SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA14V2SC6 STMICROELECTRONICS-ESDA14V2SC6 Datasheet
69Kb / 7P
   QUAD TRANSIL ARRAY FOR ESD PROTECTION
ESDA14V2SC6Y STMICROELECTRONICS-ESDA14V2SC6Y Datasheet
447Kb / 15P
   4 unidirectional Transil functions
October 2015 Rev 1
More results

Similar Description - ESDA14V2SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
   QUAD TRANSIL??ARRAY FOR ESD PROTECTION
ESDAXXSCX STMICROELECTRONICS-ESDAXXSCX Datasheet
86Kb / 10P
   QUAD TRANSIL??ARRAY FOR ESD PROTECTION
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
145Kb / 9P
   QUAD TRANSIL??ARRAY FOR ESD PROTECTION
ESDA6V1-4F1 STMICROELECTRONICS-ESDA6V1-4F1 Datasheet
43Kb / 6P
   QUAD TRANSIL ARRAY FOR ESD PROTECTION
July 2002 - Ed: 2A
ESDAXXSC5 STMICROELECTRONICS-ESDAXXSC5 Datasheet
69Kb / 7P
   QUAD TRANSIL ARRAY FOR ESD PROTECTION
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
   Quad bidirectional Transil array for ESD protection
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
   QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
ESDASCY STMICROELECTRONICS-ESDASCY Datasheet
235Kb / 12P
   Automotive quad Transil??array for ESD protection
September 2012 Rev 1
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
   Quad low capacitance Transil array for ESD protection
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
   TRANSIL ARRAY FOR ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com