Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESDALC6V1M6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ESDALC6V1M6
Description  4- and 5-line low capacitance Transil arrays for ESD protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1M6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ESDALC6V1M6 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1M6 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1M6 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1M6 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1M6 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1M6 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1M6 Datasheet HTML 9Page - STMicroelectronics ESDALC6V1M6 Datasheet HTML 10Page - STMicroelectronics ESDALC6V1M6 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
ESDALC6V1M6, ESDALC6V1-5M6
10/11
5
Ordering information
6
Revision history
Table 4.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
ESDALC6V1M6
G(1)
1.
The marking can be rotated by 90° to differentiate assembly location
Micro QFN
2.2 mg
3000
Tape and reel
ESDALC6V1-5M6
H(1)
Micro QFN
2.2 mg
3000
Tape and reel
Table 5.
Document revision history
Date
Revision
Changes
19-Sep-2005
1
Initial release.
10-Oct-2005
2
Package title changed from DFN to QFN. No technical changes.
21-Dec-2005
3
Updated package dimensions in Table 1.
01-Feb-2007
4
Reformatted to current standard.
Added note on marking rotation in section 3. Package information.
14-Feb-2008
5
Reformatted to current standards. Corrected inch measurements in
Table 3 on page 5. Added Section 4: Recommendation on PCB
assembly


Similar Part No. - ESDALC6V1M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1M6 STMICROELECTRONICS-ESDALC6V1M6 Datasheet
179Kb / 8P
   4 and 5 line low capacitance TRANSIL array for ESD protection
More results

Similar Description - ESDALC6V1M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1M6 STMICROELECTRONICS-ESDA6V1M6 Datasheet
237Kb / 11P
   4- and 5-line Transil??arrays for ESD protection
ESDALC6V1M6 STMICROELECTRONICS-ESDALC6V1M6 Datasheet
179Kb / 8P
   4 and 5 line low capacitance TRANSIL array for ESD protection
ESDALC6V1-5T6 STMICROELECTRONICS-ESDALC6V1-5T6 Datasheet
161Kb / 11P
   Low capacitance Transil arrays for ESD protection
March 2011 Rev 2
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX_08 Datasheet
233Kb / 9P
   Low capacitance Transil??arrays for ESD protection
ESDALC14V2-1U2 STMICROELECTRONICS-ESDALC14V2-1U2 Datasheet
283Kb / 11P
   Single-line low capacitance Transil??for ESD protection
ESDALC6V1-1M2 STMICROELECTRONICS-ESDALC6V1-1M2 Datasheet
147Kb / 10P
   Single line low capacitance Transil for ESD protection
ESDAVLC8-1BM2 STMICROELECTRONICS-ESDAVLC8-1BM2 Datasheet
206Kb / 13P
   Single line low capacitance Transil for ESD protection
ESDAVLC6-1V2 STMICROELECTRONICS-ESDAVLC6-1V2 Datasheet
289Kb / 8P
   Single line low capacitance Transil??for ESD protection
June 2014 Rev 1
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2 Datasheet
149Kb / 7P
   Single line low capacitance TRANSIL??for ESD protection
ESDALC6V1-1BT2 STMICROELECTRONICS-ESDALC6V1-1BT2 Datasheet
45Kb / 3P
   Single line low capacitance TRANSIL??for ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com