Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6824ZJWY6F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM6824ZJWY6F
Description  5-pin supervisor with watchdog timer and push-button reset
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6824ZJWY6F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM6824ZJWY6F Datasheet HTML 3Page - STMicroelectronics STM6824ZJWY6F Datasheet HTML 4Page - STMicroelectronics STM6824ZJWY6F Datasheet HTML 5Page - STMicroelectronics STM6824ZJWY6F Datasheet HTML 6Page - STMicroelectronics STM6824ZJWY6F Datasheet HTML 7Page - STMicroelectronics STM6824ZJWY6F Datasheet HTML 8Page - STMicroelectronics STM6824ZJWY6F Datasheet HTML 9Page - STMicroelectronics STM6824ZJWY6F Datasheet HTML 10Page - STMicroelectronics STM6824ZJWY6F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
STM6321/6322STM6821/6822/6823/6824/6825
Description
7/28
1.1
Pin descriptions
1.1.1
Active-low, push-pull reset output (RST) - STM6822/6823/6824/6825
Pulses low when triggered, and stays low whenever VCC is below the reset threshold or
when MR is a logic low. It remains low for trec after either VCC rises above the reset
threshold, the watchdog triggers a reset, or MR goes from low to high.
1.1.2
Active-low, open drain reset output (RST) - STM6321/6322/6822
Pulses low when triggered, and stays low whenever VCC is below the reset threshold or
when MR is a logic low. It remains low for trec after either VCC rises above the reset
threshold, the watchdog triggers a reset, or MR goes from low to high. Connect a pull-up
resistor to supply voltage.
1.1.3
Push-button reset input (MR)
A logic low on MR asserts the reset output. Reset remains asserted as long as MR is low
and for trec after MR returns high. This active-low input has an internal 52 kΩ pull-up. It can
be driven from a TTL or CMOS logic line, or shorted to ground with a switch. Leave open if
unused.
1.1.4
Watchdog input (WDI)
If WDI remains high or low for at least 1.6s, the internal watchdog timer expires and reset is
asserted. The internal watchdog timer clears while reset is asserted or when WDI sees a
rising or falling edge. The watchdog function CAN be disabled if WDI is left unconnected or
is connected to a tri-state buffer output.
1.1.5
Active-high reset output (RST)
Active-high, push-pull reset output; inverse of RST.
Table 3.
Pin functions
Pin
Name
Function
STM6822
STM6823
STM6821
STM6321
STM6824
STM6322
STM6825
1—
1
1
RST
Active-low reset output
33
4
MR
Push-button reset input
4
4
4
WDI
Watchdog Input
1
3
3
RST
Active-high reset output
55
5
5
VCC
Supply voltage
22
2
2
VSS
Ground


Similar Part No. - STM6824ZJWY6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6824ZJWY6F STMICROELECTRONICS-STM6824ZJWY6F Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
More results

Similar Description - STM6824ZJWY6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com