Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-C028 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC-C028
Description  WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 4 - 8 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C028 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC-C028 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C028 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C028 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C028 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
12 - 107
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
Frequency vs. Tuning Voltage, Vdc = +12V
Sensitivity vs. Tuning Voltage, Vcc = +12V
Typical SSB Phase Noise @ Vtune = +12V
SSB Phase Noise vs. Tuning Voltage
Output Power vs.
Tuning Voltage, Vcc = +12V
Frequency vs. Tuning Voltage, T = +25°C
3
4
5
6
7
8
9
0
2
4
6
8
10
12
14
16
18
20
+25C
+85C
-40C
TUNING VOLTAGE (VOLTS)
-120
-100
-80
-60
-40
-20
0
10
2
10
3
10
4
10
5
10
6
+25C
+85C
-40C
OFFSET FREQUENCY (Hz)
-120
-100
-80
-60
-40
-20
0
0
2
4
6
8
10
12
14
16
18
20
10 kHz
100 kHz
TUNING VOLTAGE (VOLTS)
8
10
12
14
16
18
20
22
24
0
2
4
6
8
10
12
14
16
18
20
+25C
+85C
-40C
TUNING VOLTAGE (VOLTS)
0
100
200
300
400
0
2
4
6
8
10
12
14
16
18
20
+25C
+85C
-40C
TUNING VOLTAGE (VOLTS)
3
4
5
6
7
8
9
0
2
4
6
8
10
12
14
16
18
20
11V
12V
13V
TUNING VOLTAGE (VOLTS)
HMC-C028
v01.1007
WIDEBAND VCO w/ BUFFER
AMPLIFIER MODULE, 4 - 8 GHz


Similar Part No. - HMC-C028

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C020 HITTITE-HMC-C020 Datasheet
266Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 17 - 24 GHz
HMC-C021 HITTITE-HMC-C021 Datasheet
279Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 21 - 31 GHz
HMC-C022 HITTITE-HMC-C022 Datasheet
437Kb / 6P
   WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C023 HITTITE-HMC-C023 Datasheet
447Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
874Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
More results

Similar Description - HMC-C028

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC586LC4B HITTITE-HMC586LC4B_10 Datasheet
159Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4 - 8 GHz
HMC-C073 HITTITE-HMC-C073 Datasheet
165Kb / 4P
   WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 38.4 - 43.2 GHz
HMC-C030 HITTITE-HMC-C030 Datasheet
207Kb / 4P
   WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 8.0 - 12.5 GHz
HMC-C029 HITTITE-HMC-C029 Datasheet
261Kb / 4P
   WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 5.0 - 10.0 GHz
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
HMC587LC4B HITTITE-HMC587LC4B_10 Datasheet
156Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC587LC4B HITTITE-HMC587LC4B Datasheet
222Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC733LC4B HITTITE-HMC733LC4B Datasheet
454Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
HMC586LC4B HITTITE-HMC586LC4B Datasheet
202Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4.0 - 8.0 GHz
HMC732LC4B HITTITE-HMC732LC4B Datasheet
422Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 6 - 12 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com