Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1210600R-TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # T1210600R-TR
Description  12 A Snubberless, logic level and standard triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1210600R-TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button T1210600R-TR Datasheet HTML 3Page - STMicroelectronics T1210600R-TR Datasheet HTML 4Page - STMicroelectronics T1210600R-TR Datasheet HTML 5Page - STMicroelectronics T1210600R-TR Datasheet HTML 6Page - STMicroelectronics T1210600R-TR Datasheet HTML 7Page - STMicroelectronics T1210600R-TR Datasheet HTML 8Page - STMicroelectronics T1210600R-TR Datasheet HTML 9Page - STMicroelectronics T1210600R-TR Datasheet HTML 10Page - STMicroelectronics T1210600R-TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BTA12, BTB12, T12xx
Ordering information scheme
7/12
Table 7.
Product selector
Order code(1)
1.
BTB: non insulated TO-220AB package
Voltage (xxx)
Sensitivity
Type
Package
600 V
800 V
BTA/BTB12-xxxBRG
X
X
50 mA
Standard
TO-220AB
BTA/BTB12-xxxBWRG
X
X
50 mA
Snubberless
TO-220AB
BTA/BTB12-xxxCRG
X
X
25 mA
Standard
TO-220AB
BTA/BTB12-xxxCWRG
X
X
35 mA
Snubberless
TO-220AB
BTA/BTB12-xxxSWRG
X
X
10 mA
Logic Level
TO-220AB
BTA/BTB12-xxxTWRG
X
X
5 mA
Logic Level
TO-220AB
T1210-800G
-
X
10 mA
Logic Level
D2PAK
T1235-xxxG
X
X
35 mA
Snubberless
D2PAK
T1235-xxxR
X
X
35 mA
Snubberless
I2PAK
T1250-600G
X
-
50 mA
Snubberless
D2PAK


Similar Part No. - T1210600R-TR

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T121060 E-SWITCH-T121060 Datasheet
58Kb / 1P
   ALL DIMENSION IN MM[INCH]
More results

Similar Description - T1210600R-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
BTA12-700BRG STMICROELECTRONICS-BTA12-700BRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
T1235-600R STMICROELECTRONICS-T1235-600R Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1220T-6I STMICROELECTRONICS-T1220T-6I Datasheet
152Kb / 9P
   Snubberless, logic level and standard 12 A Triacs
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
152Kb / 9P
   Snubberless?? logic level and standard 12 A Triacs
logo
New Jersey Semi-Conduct...
BTA12 NJSEMI-BTA12 Datasheet
185Kb / 5P
   12 A Snubberless?? logic level and standard triacs
logo
STMicroelectronics
T12T STMICROELECTRONICS-T12T Datasheet
193Kb / 8P
   Snubberless?? logic level and standard 12 A Triacs
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
133Kb / 9P
   Entry level Snubberless?? logic level and standard 12 A TRIACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com