Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB25-800BWRG Datasheet(PDF) 5 Page - STMicroelectronics

Part # BTB25-800BWRG
Description  25 A standard and Snubberless triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB25-800BWRG Datasheet(HTML) 5 Page - STMicroelectronics

  BTB25-800BWRG Datasheet HTML 1Page - STMicroelectronics BTB25-800BWRG Datasheet HTML 2Page - STMicroelectronics BTB25-800BWRG Datasheet HTML 3Page - STMicroelectronics BTB25-800BWRG Datasheet HTML 4Page - STMicroelectronics BTB25-800BWRG Datasheet HTML 5Page - STMicroelectronics BTB25-800BWRG Datasheet HTML 6Page - STMicroelectronics BTB25-800BWRG Datasheet HTML 7Page - STMicroelectronics BTB25-800BWRG Datasheet HTML 8Page - STMicroelectronics BTB25-800BWRG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BTA24, BTB24, BTA25, BTA26, BTB26, T25
Characteristics
5/12
Figure 7.
Non-repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms and corresponding
value of I2t
Figure 8.
Relative variation of gate trigger
current, holding current and
latching current versus junction
temperature (typical values)
0.01
0.10
1.00
10.00
100
1000
3000
I
(A), I t (A s)
TSM
22
t (ms)
p
T initial=25°C
j
ITSM
dI/dt limitation:
50A/µs
I t
2
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & IL
Figure 9.
Relative variation of critical rate of
decrease of main current versus
(dV/dt)c (typical values)
Figure 10.
Relative variation of critical rate of
decrease of main current versus Tj
Figure 11.
D2PAK thermal resistance junction to
ambient versus copper surface under
tab (printed circuit board FR4, copper
thickness: 35 µm)
0.1
1.0
10.0
100.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
T2535/CW/BW
B
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T ] /
pecified]
j
(dI/dt)c [T s
j
T (°C)
j
0
4
8
12
16
20
24
28
32
36
40
0
10
20
30
40
50
60
70
80
S(cm²)
R
(°C/W)
th(j-a)
DPAK
2


Similar Part No. - BTB25-800BWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB25-800BWRG STMICROELECTRONICS-BTB25-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTB25-800BWRG STMICROELECTRONICS-BTB25-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
More results

Similar Description - BTB25-800BWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA26-700BRG STMICROELECTRONICS-BTA26-700BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless??triacs
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
   25 A standard and Snubberless??triacs
July 2007 Rev 10
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
   TRIACs, 10A Snubberless and Standard
logo
STMicroelectronics
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
   Snubberless high temperature 25 A Triacs
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com