Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB12800SWRG Datasheet(PDF) 8 Page - STMicroelectronics

Part # BTB12800SWRG
Description  12 A Snubberless, logic level and standard triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB12800SWRG Datasheet(HTML) 8 Page - STMicroelectronics

Back Button BTB12800SWRG Datasheet HTML 4Page - STMicroelectronics BTB12800SWRG Datasheet HTML 5Page - STMicroelectronics BTB12800SWRG Datasheet HTML 6Page - STMicroelectronics BTB12800SWRG Datasheet HTML 7Page - STMicroelectronics BTB12800SWRG Datasheet HTML 8Page - STMicroelectronics BTB12800SWRG Datasheet HTML 9Page - STMicroelectronics BTB12800SWRG Datasheet HTML 10Page - STMicroelectronics BTB12800SWRG Datasheet HTML 11Page - STMicroelectronics BTB12800SWRG Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Packaging information
BTA12, BTB12, T12xx
8/12
3
Packaging information
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 15.
Footprint (dimensions in mm)
Table 8.
D2PAK dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.30
4.60
0.169
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.25
1.40
0.048 0.055
C
0.45
0.60
0.017
0.024
C2
1.21
1.36
0.047
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.28 0.393
0.405
G
4.88
5.28
0.192
0.208
L
15.00
15.85 0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
R
0.40
0.016
V2
G
L
L3
L2
B
B2
E
2mm min.
FLAT ZONE
A
C2
D
R
A2
V2
C
A1
16.90
10.30
8.90
3.70
5.08
1.30


Similar Part No. - BTB12800SWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB12 STMICROELECTRONICS-BTB12 Datasheet
116Kb / 7P
   12A TRIACS
logo
Suntac Electronic Corp.
BTB12 SUNTAC-BTB12 Datasheet
87Kb / 4P
   12A Triacs logic level
logo
JIEJIE MICROELECTRONICS...
BTB12 JIEJIE-BTB12 Datasheet
514Kb / 5P
   12A TRIACs
logo
STMicroelectronics
BTB12 STMICROELECTRONICS-BTB12 Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
BTB12 STMICROELECTRONICS-BTB12 Datasheet
140Kb / 12P
   Medium current triac
September 2007 Rev 9
More results

Similar Description - BTB12800SWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
BTA12-700BRG STMICROELECTRONICS-BTA12-700BRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
T1235-600R STMICROELECTRONICS-T1235-600R Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1220T-6I STMICROELECTRONICS-T1220T-6I Datasheet
152Kb / 9P
   Snubberless, logic level and standard 12 A Triacs
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
152Kb / 9P
   Snubberless?? logic level and standard 12 A Triacs
logo
New Jersey Semi-Conduct...
BTA12 NJSEMI-BTA12 Datasheet
185Kb / 5P
   12 A Snubberless?? logic level and standard triacs
logo
STMicroelectronics
T12T STMICROELECTRONICS-T12T Datasheet
193Kb / 8P
   Snubberless?? logic level and standard 12 A Triacs
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
133Kb / 9P
   Entry level Snubberless?? logic level and standard 12 A TRIACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com