Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA12800SWRG Datasheet(PDF) 5 Page - STMicroelectronics

Part # BTA12800SWRG
Description  12 A Snubberless, logic level and standard triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA12800SWRG Datasheet(HTML) 5 Page - STMicroelectronics

  BTA12800SWRG Datasheet HTML 1Page - STMicroelectronics BTA12800SWRG Datasheet HTML 2Page - STMicroelectronics BTA12800SWRG Datasheet HTML 3Page - STMicroelectronics BTA12800SWRG Datasheet HTML 4Page - STMicroelectronics BTA12800SWRG Datasheet HTML 5Page - STMicroelectronics BTA12800SWRG Datasheet HTML 6Page - STMicroelectronics BTA12800SWRG Datasheet HTML 7Page - STMicroelectronics BTA12800SWRG Datasheet HTML 8Page - STMicroelectronics BTA12800SWRG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BTA12, BTB12, T12xx
Characteristics
5/12
Figure 7.
Non-repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms and corresponding
value of I2t
Figure 8.
Figure 8: Relative variation of gate
trigger current, holding current and
latching current versus junction
temperature (typical values)
0.01
0.10
1.00
10.00
10
100
1000
I
(A), I t (A s)
TSM
22
t (ms)
p
T initial=25°C
j
ITSM
dI/dt limitation:
50A/µs
I t
2
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & IL
Figure 9.
Relative variation of critical rate of
decrease of main current versus
(dV/dt)c (typical values)
(BW/CW/T1210/T1235)
Figure 10.
Relative variation of critical rate of
decrease of main current versus
(dV/dt)c (typical values) (TW)
0.1
1.0
10.0
100.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
T1210/SW
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
T1235/T1250/CW/BW
C
B
0.1
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1.0
10.0
100.0
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
TW
Figure 11.
Relative variation of critical rate of
decrease of main current versus
junction temperature
Figure 12.
D2PAK thermal resistance junction
to ambient versus copper surface
under tab (printed circuit board
FR4, copper thickness: 35 µm)
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T ] /
pecified]
j
(dI/dt)c [T s
j
T (°C)
j
0
4
8
1216
20
2428
32
3640
0
10
20
30
40
50
60
70
80
S(cm²)
R
(°C/W)
th(j-a)
DPAK
2


Similar Part No. - BTA12800SWRG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BTA12 ETC1-BTA12 Datasheet
229Kb / 5P
   BTA12
logo
STMicroelectronics
BTA12 STMICROELECTRONICS-BTA12 Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
BTA12 STMICROELECTRONICS-BTA12 Datasheet
116Kb / 7P
   12A TRIACS
logo
Suntac Electronic Corp.
BTA12 SUNTAC-BTA12 Datasheet
87Kb / 4P
   12A Triacs logic level
logo
JIEJIE MICROELECTRONICS...
BTA12 JIEJIE-BTA12 Datasheet
514Kb / 5P
   12A TRIACs
More results

Similar Description - BTA12800SWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
BTA12-700BRG STMICROELECTRONICS-BTA12-700BRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
T1235-600R STMICROELECTRONICS-T1235-600R Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1220T-6I STMICROELECTRONICS-T1220T-6I Datasheet
152Kb / 9P
   Snubberless, logic level and standard 12 A Triacs
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
152Kb / 9P
   Snubberless?? logic level and standard 12 A Triacs
logo
New Jersey Semi-Conduct...
BTA12 NJSEMI-BTA12 Datasheet
185Kb / 5P
   12 A Snubberless?? logic level and standard triacs
logo
STMicroelectronics
T12T STMICROELECTRONICS-T12T Datasheet
193Kb / 8P
   Snubberless?? logic level and standard 12 A Triacs
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
133Kb / 9P
   Entry level Snubberless?? logic level and standard 12 A TRIACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com