Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTW69-1200 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BTW69-1200
Description  50A SCRS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTW69-1200 Datasheet(HTML) 5 Page - STMicroelectronics

  BTW69-1200 Datasheet HTML 1Page - STMicroelectronics BTW69-1200 Datasheet HTML 2Page - STMicroelectronics BTW69-1200 Datasheet HTML 3Page - STMicroelectronics BTW69-1200 Datasheet HTML 4Page - STMicroelectronics BTW69-1200 Datasheet HTML 5Page - STMicroelectronics BTW69-1200 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTW67 and BTW69 Series
5/6
Figure 10: TOP3 Insulated Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com.
R
H
K
G
F
E
D
B
A
C
JJ
P
ØL
Table 7: Ordering Information
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
BTW67-xxx
BTW67xxx
RD91
20 g
25
Bulk
BTW69-xxxRG
BTW69xxx
TOP3 Ins.
4.5 g
30
Tube
Note: xxx = voltage
Table 8: Revision History
Date
Revision
Description of Changes
Apr-2001
4A
Last update.
13-Feb-2006
5
TOP3 Insulated delivery mode changed from bulk to tube.
ECOPACK statement added.
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.4
4.6
0.173
0.181
B
1.45
1.55
0.057
0.061
C
14.35
15.60 0.565
0.614
D
0.5
0.7
0.020
0.028
E
2.7
2.9
0.106
0.114
F
15.8
16.5
0.622
0.650
G
20.4
21.1
0.815
0.831
H
15.1
15.5
0.594
0.610
J
5.4
5.65
0.213
0.222
K
3.4
3.65
0.134
0.144
ØL
4.08
4.17
0.161
0.164
P
1.20
1.40
0.047
0.055
R
4.60
0.181


Similar Part No. - BTW69-1200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTW69-1200 STMICROELECTRONICS-BTW69-1200 Datasheet
238Kb / 5P
   50A SCRs
logo
Tiger Electronic Co.,Lt...
BTW69-1200 TGS-BTW69-1200 Datasheet
194Kb / 1P
   50A SCRs
logo
Inchange Semiconductor ...
BTW69-1200 ISC-BTW69-1200 Datasheet
217Kb / 1P
   isc Thyristors
logo
New Jersey Semi-Conduct...
BTW69-1200 NJSEMI-BTW69-1200 Datasheet
293Kb / 4P
   STANDARD 50A SCRs
logo
STMicroelectronics
BTW69-1200N STMICROELECTRONICS-BTW69-1200N Datasheet
151Kb / 9P
   50 A ??1200 V non insulated SCR thyristor
June 2013 Rev 1
More results

Similar Description - BTW69-1200

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BTW69-800 TGS-BTW69-800 Datasheet
194Kb / 1P
   50A SCRs
logo
STMicroelectronics
BTW67-1000 STMICROELECTRONICS-BTW67-1000 Datasheet
88Kb / 6P
   50A SCRS
BTW67 STMICROELECTRONICS-BTW67 Datasheet
238Kb / 5P
   50A SCRs
BTW67-200 STMICROELECTRONICS-BTW67-200 Datasheet
88Kb / 6P
   50A SCRS
logo
Tiger Electronic Co.,Lt...
BTW69-1200 TGS-BTW69-1200 Datasheet
194Kb / 1P
   50A SCRs
logo
New Jersey Semi-Conduct...
BTW67 NJSEMI-BTW67 Datasheet
293Kb / 4P
   STANDARD 50A SCRs
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com