Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA12600TWRG Datasheet(PDF) 6 Page - STMicroelectronics

Part # BTA12600TWRG
Description  12 A Snubberless, logic level and standard triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA12600TWRG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button BTA12600TWRG Datasheet HTML 2Page - STMicroelectronics BTA12600TWRG Datasheet HTML 3Page - STMicroelectronics BTA12600TWRG Datasheet HTML 4Page - STMicroelectronics BTA12600TWRG Datasheet HTML 5Page - STMicroelectronics BTA12600TWRG Datasheet HTML 6Page - STMicroelectronics BTA12600TWRG Datasheet HTML 7Page - STMicroelectronics BTA12600TWRG Datasheet HTML 8Page - STMicroelectronics BTA12600TWRG Datasheet HTML 9Page - STMicroelectronics BTA12600TWRG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Ordering information scheme
BTA12, BTB12, T12xx
6/12
2
Ordering information scheme
Figure 13.
BTA12 and BTB12 series
Figure 14.
T12xx series
BT A 12 - 600 BW RG
Triac series
Insulation
Current
Voltage
Sensitivity and type
Packing mode
A = insulated
B = non insulated
12 = 12A
600 = 600V
800 = 800V
B = 50mA Standard
BW = 50mA Snubberless
C = 25mA Standard
CW = 35mA
RG = Tube
Snubberless
SW = 10mA Logic Level
TW = 5mA Logic Level
T 12 35 - 600 G (-TR)
Triac series
Sensitivity
Voltage
Package
Packing mode
Current
12 = 12 A
50 = 50 mA
35 = 35 mA
10 = 10 mA
600 = 600 V
800 = 800 V
G = D PAK
R = I PAK
Blank = Tube
-TR = Tape & Reel
2
2


Similar Part No. - BTA12600TWRG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BTA12 ETC1-BTA12 Datasheet
229Kb / 5P
   BTA12
logo
STMicroelectronics
BTA12 STMICROELECTRONICS-BTA12 Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
BTA12 STMICROELECTRONICS-BTA12 Datasheet
116Kb / 7P
   12A TRIACS
logo
Suntac Electronic Corp.
BTA12 SUNTAC-BTA12 Datasheet
87Kb / 4P
   12A Triacs logic level
logo
JIEJIE MICROELECTRONICS...
BTA12 JIEJIE-BTA12 Datasheet
514Kb / 5P
   12A TRIACs
More results

Similar Description - BTA12600TWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
BTA12-700BRG STMICROELECTRONICS-BTA12-700BRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
T1235-600R STMICROELECTRONICS-T1235-600R Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1220T-6I STMICROELECTRONICS-T1220T-6I Datasheet
152Kb / 9P
   Snubberless, logic level and standard 12 A Triacs
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
152Kb / 9P
   Snubberless?? logic level and standard 12 A Triacs
logo
New Jersey Semi-Conduct...
BTA12 NJSEMI-BTA12 Datasheet
185Kb / 5P
   12 A Snubberless?? logic level and standard triacs
logo
STMicroelectronics
T12T STMICROELECTRONICS-T12T Datasheet
193Kb / 8P
   Snubberless?? logic level and standard 12 A Triacs
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
133Kb / 9P
   Entry level Snubberless?? logic level and standard 12 A TRIACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com