Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRXH162373K-02Q Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHRXH162373K-02Q
Description  Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6V tolerant inputs and outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRXH162373K-02Q Datasheet(HTML) 1 Page - STMicroelectronics

  RHRXH162373K-02Q Datasheet HTML 1Page - STMicroelectronics RHRXH162373K-02Q Datasheet HTML 2Page - STMicroelectronics RHRXH162373K-02Q Datasheet HTML 3Page - STMicroelectronics RHRXH162373K-02Q Datasheet HTML 4Page - STMicroelectronics RHRXH162373K-02Q Datasheet HTML 5Page - STMicroelectronics RHRXH162373K-02Q Datasheet HTML 6Page - STMicroelectronics RHRXH162373K-02Q Datasheet HTML 7Page - STMicroelectronics RHRXH162373K-02Q Datasheet HTML 8Page - STMicroelectronics RHRXH162373K-02Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
July 2007
Rev 4
1/17
17
54VCXH162373
Rad hard low voltage CMOS 16-bit D-type latch (3-state)
with 3.6V tolerant inputs and outputs
Features
1.65 to 3.6V inputs and outputs
High speed:
–tPD = 3.3ns (Max) at VCC = 3.0 to 3.6V
–tPD = 4.5ns (Max) at VCC = 2.3 to 2.7V
Symmetrical impedance outputs:
–|IOH| = IOL = 12mA (Min) at VCC = 3.0V
–|IOH| = IOL = 8mA (Min) at VCC = 2.3V
Power down protection on inputs and outputs
26Ω serie resistors in outputs
Operating voltage range:
–VCC(Opr) = 1.65V to 3.6V
Pin and function compatible with 54 SERIES
HR162373
Bus hold provided on both sides
Cold spare function
Latch-up performance exceeds
300mA (JESD 17)
ESD performance:
– HBM > 2000V
(MIL STD 883 method 3015); MM > 200V
300KRad Mil1019.6 Condition A, (RHA QML
qualification extension undergone)
No SEL, no SEU under 72 Mev/cm2/mg LET
heavy ions irradiation
QML qualified product
Device fully compliant with
DSCC SMD 5962-05211
Description
The 54VCXH162373 is a low voltage CMOS 16
bit d-type latch with 3 state outputs non inverting
fabricated with sub-micron silicon gate and five-
layer metal wiring C2MOS technology. It is ideal
for low power and very high speed 1.65 to 3.6V
applications; it can be interfaced to 3.6V signal
environment for both inputs and outputs.
These 16 bit D-TYPE latches are bite controlled
by two latch enable inputs (nLE) and two output
enable inputs (OE).
While the nLE input is held at a high level, the nQ
outputs will follow the data input precisely.
When the nLE is taken low, the nQ outputs will be
in a normal logic state (high or low logic level) and
while high level the outputs will be in a high
impedance state. Bus hold on data inputs is
provided in order to eliminate the need for
external pull-up or pull-down resistor. The device
circuits is including 26
Ω series resistance in the
outputs. These resistors permit to reduce line
noise in high speed applications.
All inputs and outputs are equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
Flat-48
www.st.com


Similar Part No. - RHRXH162373K-02Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHRXH162373K1 STMICROELECTRONICS-RHRXH162373K1 Datasheet
506Kb / 18P
   Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6 V tolerant inputs and outputs
More results

Similar Description - RHRXH162373K-02Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
54VCXH162373 STMICROELECTRONICS-54VCXH162373_11 Datasheet
506Kb / 18P
   Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162374 STMICROELECTRONICS-54VCXH162374 Datasheet
512Kb / 17P
   Rad hard low voltage CMOS 16-bit D-type Flip-Flop with 3.6V tolerant inputs and outputs
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245_07 Datasheet
495Kb / 17P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
54VCXH162245 STMICROELECTRONICS-54VCXH162245 Datasheet
505Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
74ALVCH16373 STMICROELECTRONICS-74ALVCH16373 Datasheet
279Kb / 11P
   LOW VOLTAGE CMOS 16-BITD-TYPE LATCH (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Toshiba Semiconductor
TC74VCX16373FT TOSHIBA-TC74VCX16373FT Datasheet
360Kb / 11P
   LOW VOLTAGE 16-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX162373FT TOSHIBA-TC74VCX162373FT Datasheet
363Kb / 10P
   LOW VOLTAGE 16-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74ALVCH16245 STMICROELECTRONICS-74ALVCH16245 Datasheet
255Kb / 10P
   LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXH162374 STMICROELECTRONICS-54VCXH162374_11 Datasheet
496Kb / 18P
   Rad hard low voltage CMOS 16-bit d-type flip-flop (3-state) with 3.6 V tolerant inputs and outputs
74LCX16373 STMICROELECTRONICS-74LCX16373 Datasheet
76Kb / 9P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH(3-STATE)WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com