Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRXHR162245K-02V Datasheet(PDF) 8 Page - STMicroelectronics

Part # RHRXHR162245K-02V
Description  Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRXHR162245K-02V Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RHRXHR162245K-02V Datasheet HTML 4Page - STMicroelectronics RHRXHR162245K-02V Datasheet HTML 5Page - STMicroelectronics RHRXHR162245K-02V Datasheet HTML 6Page - STMicroelectronics RHRXHR162245K-02V Datasheet HTML 7Page - STMicroelectronics RHRXHR162245K-02V Datasheet HTML 8Page - STMicroelectronics RHRXHR162245K-02V Datasheet HTML 9Page - STMicroelectronics RHRXHR162245K-02V Datasheet HTML 10Page - STMicroelectronics RHRXHR162245K-02V Datasheet HTML 11Page - STMicroelectronics RHRXHR162245K-02V Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical characteristics
54VCXHR162245
8/17
4
Electrical characteristics
Table 5. DC specifications (2.7V < VCC < 3.6V unless otherwise specified)
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
-55 to 125°C
Min
Max
VIH
High level input voltage
2.7 to 3.6
2.0
V
VIL
Low level input voltage
0.8
VOH
High level output
voltage
2.7 to 3.6
IO=-100 µAVCC-0.2
V
2.7
IO=-6 mA
2.2
3.0
IO=-8 mA
2.4
IO=-12 mA
2.2
VOL
Low level output
voltage
2.7 to 3.6
IO=100 µA
0.2
V
2.7
IO=6 mA
0.4
3.0
IO=8 mA
0.55
IO=12 mA
0.8
II
Input leakage current
2.7 to 3.6
VI = 0 to 3.6V
± 5
µA
II(HOLD) Input hold current
3.0
VI = 0.8V
75
µA
VI = 2V
-75
3.6
VI = 0 to 3.6V
± 500
Ioff
Power off leakage
current
0
VI or VO = 0 to 3.6V
10
µA
IOZ
High impedance output
leakage current
2.7 to 3.6
VI = VIH or VIL
VO = 0 to 3.6V
± 10
µA
ICC
Quiescent supply
current
2.7 to 3.6
VI = VCC or GND
20
µA
VI or VO = VCC to 3.6V
± 20
∆I
CC
ICC incr. per input
2.7 to 3.6
VIH = VCC - 0.6V
750
µA


Similar Part No. - RHRXHR162245K-02V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHRXHR162245K1 STMICROELECTRONICS-RHRXHR162245K1 Datasheet
479Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
More results

Similar Description - RHRXHR162245K-02V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
54VCXH162245 STMICROELECTRONICS-54VCXH162245 Datasheet
505Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245_11 Datasheet
479Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162245 STMICROELECTRONICS-54VCXH162245_11 Datasheet
485Kb / 19P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
74VCX16244 STMICROELECTRONICS-74VCX16244 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74ALVCH16244 STMICROELECTRONICS-74ALVCH16244 Datasheet
224Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
236Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXH162245 STMICROELECTRONICS-74VCXH162245 Datasheet
272Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCX162245 STMICROELECTRONICS-74VCX162245 Datasheet
279Kb / 13P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXR162245 STMICROELECTRONICS-74VCXR162245 Datasheet
272Kb / 13P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com