Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIS326DQ Datasheet(PDF) 11 Page - STMicroelectronics

Part # AIS326DQ
Description  MEMS inertial sensor 3-axis, low g accelerometer with digital output
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS326DQ Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AIS326DQ Datasheet HTML 7Page - STMicroelectronics AIS326DQ Datasheet HTML 8Page - STMicroelectronics AIS326DQ Datasheet HTML 9Page - STMicroelectronics AIS326DQ Datasheet HTML 10Page - STMicroelectronics AIS326DQ Datasheet HTML 11Page - STMicroelectronics AIS326DQ Datasheet HTML 12Page - STMicroelectronics AIS326DQ Datasheet HTML 13Page - STMicroelectronics AIS326DQ Datasheet HTML 14Page - STMicroelectronics AIS326DQ Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
AIS326DQ
Mechanical and electrical specifications
11/49
CrAx
Cross axis(4)
-5
5
%
Vst
Self-test output change(7),(8)
Full-scale= ±2
g
X axis
110
210
310
LSb
Full-scale= ±2
g
Y axis
110
210
310
Full-scale= ±2
g
Z axis
70
160
250
Full-scale= ±6
g
X axis
30
70
120
LSb
Full-scale= ±6
g
Y axis
30
70
120
Full-scale= ±6
g
Z axis
20
55
110
BW
System bandwidth(9)
ODRx/4
Hz
TOP
Operating temperature range
-40
+105
°C
Wh
Product weight
0.2
gram
1.
The product is factory calibrated at 3.3 V. Operation over 3.6 V is not recommended
2.
Typical specifications are not guaranteed
3.
Verified by wafer level test and specification of initial offset and sensitivity
4.
Guaranteed by design
5.
Zero-g level offset value after MSL3 preconditioning
6.
Offset can be eliminated by enabling the built-in high pass filter (HPF)
7.
Self test output changes with the power supply. “Self-test output change” is defined as OUTPUT[LSb](Self-test bit on
CTRL_REG1=1) - OUTPUT[LSb](Self-test bit on CTRL_REG1=0). 1LSb = 1g/1024 at 12 bit representation, 2 g Full-scale
8.
Output data reach 99% of final value after 5/ODR when enabling Self-test mode due to device filtering
9.
ODRx is output data rate. Refer to
Table 4 for specifications
Table 3.
Mechanical characteristics @ Vdd = 3.3 V, T = -40 °C to 105 °C unless otherwise
noted(1) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.(2)
Max.
Unit


Similar Part No. - AIS326DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
AIS328DQTR STMICROELECTRONICS-AIS328DQTR Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
More results

Similar Description - AIS326DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
   MEMS inertial sensor: 3-axis 짹2 g absolute analog-output ultracompact accelerometer
LIS352AX STMICROELECTRONICS-LIS352AX Datasheet
253Kb / 15P
   MEMS inertial sensor: 3-axis 짹2 g absolute analog-output "piccolo" accelerometer
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL Datasheet
317Kb / 36P
   MEMS INERTIAL SENSOR 3-Axis - 짹2g/짹6g Digital Output Low Voltage Linear Accelerometer
February 2006 Rev 1
LIS3LV02DQ STMICROELECTRONICS-LIS3LV02DQ Datasheet
379Kb / 42P
   MEMS INERTIAL SENSOR 3-Axis - -2g/-6g Digital Output Low Voltage Linear Accelerometer
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL_08 Datasheet
672Kb / 48P
   MEMS inertial sensor 3-axis - 짹2g/짹6g digital output low voltage linear accelerometer
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
   MEMS inertial sensor: 3-axis - 짹2g analog output ?쐍ano??accelerometer
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
   MEMS inertial sensor 3-axis ultracompact linear accelerometer
logo
Analog Devices
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
logo
STMicroelectronics
LIS3L02AQ3 STMICROELECTRONICS-LIS3L02AQ3 Datasheet
258Kb / 13P
   MEMS INERTIAL SENSOR: 3-Axis - 짰g/짰g LINEAR ACCELEROMETER
LIS3L02AS4 STMICROELECTRONICS-LIS3L02AS4 Datasheet
245Kb / 14P
   MEMS INERTIAL SENSOR 3-Axis - 짹2g/짹6g LINEAR ACCELEROMETER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com