Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP10NB50 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP10NB50
Description  N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NB50 Datasheet(HTML) 2 Page - STMicroelectronics

  STP10NB50 Datasheet HTML 1Page - STMicroelectronics STP10NB50 Datasheet HTML 2Page - STMicroelectronics STP10NB50 Datasheet HTML 3Page - STMicroelectronics STP10NB50 Datasheet HTML 4Page - STMicroelectronics STP10NB50 Datasheet HTML 5Page - STMicroelectronics STP10NB50 Datasheet HTML 6Page - STMicroelectronics STP10NB50 Datasheet HTML 7Page - STMicroelectronics STP10NB50 Datasheet HTML 8Page - STMicroelectronics STP10NB50 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
THERMAL DATA
TO-220
TO-220FP
Rthj-case
Thermal Resistance Junction-case
Max
0.93
3.12
oC/W
Rthj-amb
Rthc-sink
T l
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
62.5
0.5
300
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbo l
Parameter
Max Valu e
Unit
IAR
Avalanche Current , Repet itive or Not-Repet itive
(pulse width limited by Tj max)
10. 6
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =50 V)
550
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =250
µAVGS =0
500
V
IDSS
Zero G ate Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS = Max Rating
Tc =125
oC
1
50
µA
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 30 V
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
VGS(th)
Gat e Threshold
Voltage
VDS =VGS
ID = 250
µA
345
V
RDS(on)
Static Drain-source O n
Resist ance
VGS =10V
ID = 5.3 A
0.55
0.60
ID(o n)
On Stat e Drain Current
VDS >ID(o n) xRDS(on )max
VGS =10 V
10. 6
A
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
gfs (
∗)Forward
Transconduct ance
VDS >ID(o n) xRDS(on )max
ID =5.3 A
5
8
S
Ciss
Cos s
Crss
Input Capacitance
Out put Capacitance
Reverse T ransfer
Capacitance
VDS =25 V
f = 1 MHz
VGS = 0
1480
210
25
pF
pF
pF
STP10NB50 STP10NB50FP
2/9


Similar Part No. - STP10NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NB20 STMICROELECTRONICS-STP10NB20 Datasheet
122Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP10NB20FP STMICROELECTRONICS-STP10NB20FP Datasheet
122Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP10NB60SFP STMICROELECTRONICS-STP10NB60SFP Datasheet
318Kb / 8P
   N-CHANNEL 10A - 600V - TO-220FP PowerMesh??IGBT
More results

Similar Description - STP10NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
   N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
   N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh??MOSFET
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
   N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
STP9NB50 STMICROELECTRONICS-STP9NB50 Datasheet
108Kb / 9P
   N-CHANNEL 500V - 0.75 ohm - 8.6 A TO-220/TO-220FP PowerMesh MOSFET
STP8NC50 STMICROELECTRONICS-STP8NC50 Datasheet
352Kb / 10P
   N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STP4NB100 STMICROELECTRONICS-STP4NB100 Datasheet
109Kb / 9P
   N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
   N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh??MOSFET
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
   N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
   N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
   N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com