Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP10NB20 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP10NB20
Description  N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NB20 Datasheet(HTML) 7 Page - STMicroelectronics

  STP10NB20 Datasheet HTML 1Page - STMicroelectronics STP10NB20 Datasheet HTML 2Page - STMicroelectronics STP10NB20 Datasheet HTML 3Page - STMicroelectronics STP10NB20 Datasheet HTML 4Page - STMicroelectronics STP10NB20 Datasheet HTML 5Page - STMicroelectronics STP10NB20 Datasheet HTML 6Page - STMicroelectronics STP10NB20 Datasheet HTML 7Page - STMicroelectronics STP10NB20 Datasheet HTML 8Page - STMicroelectronics STP10NB20 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C
STP10NB20/FP
7/9


Similar Part No. - STP10NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NB50 STMICROELECTRONICS-STP10NB50 Datasheet
105Kb / 9P
   N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
STP10NB50FP STMICROELECTRONICS-STP10NB50FP Datasheet
105Kb / 9P
   N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
STP10NB60SFP STMICROELECTRONICS-STP10NB60SFP Datasheet
318Kb / 8P
   N-CHANNEL 10A - 600V - TO-220FP PowerMesh??IGBT
More results

Similar Description - STP10NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU36NB20 STMICROELECTRONICS-STU36NB20 Datasheet
57Kb / 6P
   N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STB7NB40 STMICROELECTRONICS-STB7NB40 Datasheet
61Kb / 6P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP7NB40 STMICROELECTRONICS-STP7NB40 Datasheet
73Kb / 4P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP7NB60 STMICROELECTRONICS-STP7NB60 Datasheet
115Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STD2NB60 STMICROELECTRONICS-STD2NB60 Datasheet
291Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP12NB30 STMICROELECTRONICS-STP12NB30 Datasheet
56Kb / 6P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STB19NB20 STMICROELECTRONICS-STB19NB20 Datasheet
85Kb / 8P
   N - CHANNEL ENHANCEMENT MODE PowerMESH] MOSFET
June 1998
STU13NB60 STMICROELECTRONICS-STU13NB60 Datasheet
61Kb / 6P
   N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STB11NB40 STMICROELECTRONICS-STB11NB40 Datasheet
102Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP5NB40 STMICROELECTRONICS-STP5NB40 Datasheet
71Kb / 7P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com