Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC157MTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74VHC157MTR
Description  QUAD 2 CHANNEL MULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC157MTR Datasheet(HTML) 3 Page - STMicroelectronics

  74VHC157MTR Datasheet HTML 1Page - STMicroelectronics 74VHC157MTR Datasheet HTML 2Page - STMicroelectronics 74VHC157MTR Datasheet HTML 3Page - STMicroelectronics 74VHC157MTR Datasheet HTML 4Page - STMicroelectronics 74VHC157MTR Datasheet HTML 5Page - STMicroelectronics 74VHC157MTR Datasheet HTML 6Page - STMicroelectronics 74VHC157MTR Datasheet HTML 7Page - STMicroelectronics 74VHC157MTR Datasheet HTML 8Page - STMicroelectronics 74VHC157MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
74VHC157
3/12
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
Table 5: Recommended Operating Conditions
1) VIN from 30% to 70% of VCC
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 1) (VCC = 3.3 ± 0.3V)
(VCC = 5.0 ± 0.5V)
0 to 100
0 to 20
ns/V


Similar Part No. - 74VHC157MTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157MTC FAIRCHILD-74VHC157MTC Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
74VHC157MTC FAIRCHILD-74VHC157MTC Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
74VHC157MTC ONSEMI-74VHC157MTC Datasheet
339Kb / 12P
   Quad 2-Input Multiplexer
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC157MTCX FAIRCHILD-74VHC157MTCX Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
More results

Similar Description - 74VHC157MTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHCT157A ONSEMI-MC74VHCT157A Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer
April, 2001 ??Rev. 1
logo
Toshiba Semiconductor
TC74AC157P TOSHIBA-TC74AC157P Datasheet
266Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
   Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
   Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
logo
Motorola, Inc
MC74VHC157 MOTOROLA-MC74VHC157 Datasheet
149Kb / 6P
   Quad 2-Channel Multiplexer
logo
STMicroelectronics
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com