Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZM2BB90W Datasheet(PDF) 4 Page - SunLED Corporation

Part # ZM2BB90W
Description  4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZM2BB90W Datasheet(HTML) 4 Page - SunLED Corporation

  ZM2BB90W Datasheet HTML 1Page - SunLED Corporation ZM2BB90W Datasheet HTML 2Page - SunLED Corporation ZM2BB90W Datasheet HTML 3Page - SunLED Corporation ZM2BB90W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.SunLED.com
Part Number:
ZM2BB90W
Published Date : FEB 26,2008
Drawing No :SDSA6416
M V1
Checked : B.L.LIU
P. 4/4
4.1 x 1.0mm RIGHT ANGLE SMD CHIP
LED LAMP
PACKING & LABEL SPECIFICATIONS
ZM2BB90W
yalin數位簽署者:yalin
DN:cn=yalin, o, ou,
email=sjhou@cn.kingbright.com,
c=<無>
日期︰2008.02.27 09:37:29 +08'00'


Similar Part No. - ZM2BB90W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZM2BB91W SUNLED-ZM2BB91W Datasheet
192Kb / 4P
   4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZM2BB94W SUNLED-ZM2BB94W Datasheet
194Kb / 4P
   5.6X1.4mm RIGHT ANGLE SMD CHIP LED LAMP
ZM2BB96W SUNLED-ZM2BB96W Datasheet
240Kb / 5P
   3.5x2.7mm SURFACE MOUNT LED LAMP
More results

Similar Description - ZM2BB90W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APKA4110SYC KINGBRIGHT-APKA4110SYC Datasheet
154Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110SURC KINGBRIGHT-APKA4110SURC Datasheet
154Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110MGCK KINGBRIGHT-APKA4110MGCK Datasheet
152Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110MBC KINGBRIGHT-APKA4110MBC Datasheet
162Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZMD90W SUNLED-ZMD90W Datasheet
189Kb / 4P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APKA4110SYCK-F01 KINGBRIGHT-APKA4110SYCK-F01 Datasheet
294Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110VGC-A-F01 KINGBRIGHT-APKA4110VGC-A-F01 Datasheet
278Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110QBC-D-F01 KINGBRIGHT-APKA4110QBC-D-F01 Datasheet
300Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110SURCK-F01 KINGBRIGHT-APKA4110SURCK-F01 Datasheet
295Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110ZGC-F01 KINGBRIGHT-APKA4110ZGC-F01 Datasheet
302Kb / 5P
   4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com