Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC138 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74VHC138
Description  3 TO 8 LINE DECODER (INVERTING)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC138 Datasheet(HTML) 5 Page - STMicroelectronics

  74VHC138 Datasheet HTML 1Page - STMicroelectronics 74VHC138 Datasheet HTML 2Page - STMicroelectronics 74VHC138 Datasheet HTML 3Page - STMicroelectronics 74VHC138 Datasheet HTML 4Page - STMicroelectronics 74VHC138 Datasheet HTML 5Page - STMicroelectronics 74VHC138 Datasheet HTML 6Page - STMicroelectronics 74VHC138 Datasheet HTML 7Page - STMicroelectronics 74VHC138 Datasheet HTML 8Page - STMicroelectronics 74VHC138 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74VHC138
5/12
Table 8: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
Figure 4: Test Circuit
CL =15/50pF or equivalent (includes jig and probe capacitance)
RT = ZOUT of pulse generator (typically 50Ω)
Figure 5: Waveform - Propagation Delays For Inverting Outputs (f=1MHz; 50% duty cycle)
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
610
10
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
34
pF


Similar Part No. - 74VHC138

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74VHC138 MOTOROLA-74VHC138 Datasheet
164Kb / 7P
   3-to-8 Line Decoder
logo
STMicroelectronics
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
   3 TO 8 LINE DECODER INVERTING
June 1999
logo
Fairchild Semiconductor
74VHC138 FAIRCHILD-74VHC138 Datasheet
65Kb / 7P
   3-to-8 Decoder/Demultiplexer
logo
ON Semiconductor
74VHC138 ONSEMI-74VHC138 Datasheet
170Kb / 9P
   3-to-8 Decoder/Demultiplexer
Revised April 1999
logo
Toshiba Semiconductor
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
   3-to-8 Line Decoder
2016-08-18
More results

Similar Description - 74VHC138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
   3 TO 8 LINE DECODER INVERTING
April 2001
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
   3 TO 8 LINE DECODER (INVERTING)
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
   3 TO 8 LINE DECODER INVERTING
June 1999
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
242Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
74AC138M STMICROELECTRONICS-74AC138M Datasheet
286Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
April 2001
74VHCT138A STMICROELECTRONICS-74VHCT138A_04 Datasheet
304Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
286Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
April 2001
M54HC138 STMICROELECTRONICS-M54HC138 Datasheet
242Kb / 10P
   3 TO 8 LINE DECODER INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com