Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC138TTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74VHC138TTR
Description  3 TO 8 LINE DECODER (INVERTING)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC138TTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74VHC138TTR Datasheet HTML 3Page - STMicroelectronics 74VHC138TTR Datasheet HTML 4Page - STMicroelectronics 74VHC138TTR Datasheet HTML 5Page - STMicroelectronics 74VHC138TTR Datasheet HTML 6Page - STMicroelectronics 74VHC138TTR Datasheet HTML 7Page - STMicroelectronics 74VHC138TTR Datasheet HTML 8Page - STMicroelectronics 74VHC138TTR Datasheet HTML 9Page - STMicroelectronics 74VHC138TTR Datasheet HTML 10Page - STMicroelectronics 74VHC138TTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
74VHC138
7/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.25
0.004
0.010
a2
1.64
0.063
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45° (typ.)
D
9.8
10
0.385
0.393
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.62
0.024
S8° (max.)
SO-16 MECHANICAL DATA
0016020D


Similar Part No. - 74VHC138TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC138T STMICROELECTRONICS-74VHC138T Datasheet
65Kb / 8P
   3 TO 8 LINE DECODER INVERTING
June 1999
More results

Similar Description - 74VHC138TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
   3 TO 8 LINE DECODER INVERTING
April 2001
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
   3 TO 8 LINE DECODER (INVERTING)
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
   3 TO 8 LINE DECODER INVERTING
June 1999
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
242Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
74AC138M STMICROELECTRONICS-74AC138M Datasheet
286Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
April 2001
74VHCT138A STMICROELECTRONICS-74VHCT138A_04 Datasheet
304Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
286Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
April 2001
M54HC138 STMICROELECTRONICS-M54HC138 Datasheet
242Kb / 10P
   3 TO 8 LINE DECODER INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com