Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STN4NE03L Datasheet(PDF) 7 Page - STMicroelectronics

Part # STN4NE03L
Description  N - CHANNEL 30V - 0.037ohm - 4A - SOT-223 STripFET POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN4NE03L Datasheet(HTML) 7 Page - STMicroelectronics

  STN4NE03L Datasheet HTML 1Page - STMicroelectronics STN4NE03L Datasheet HTML 2Page - STMicroelectronics STN4NE03L Datasheet HTML 3Page - STMicroelectronics STN4NE03L Datasheet HTML 4Page - STMicroelectronics STN4NE03L Datasheet HTML 5Page - STMicroelectronics STN4NE03L Datasheet HTML 6Page - STMicroelectronics STN4NE03L Datasheet HTML 7Page - STMicroelectronics STN4NE03L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIM.
mm
mils
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a
2.27
2.3
2.33
89.4
90.6
91.7
b
4.57
4.6
4.63
179.9
181.1
182.3
c
0.2
0.4
0.6
7.9
15.7
23.6
d
0.63
0.65
0.67
24.8
25.6
26.4
e1
1.5
1.6
1.7
59.1
63
66.9
e4
0.32
12.6
f
2.9
3
3.1
114.2
118.1
122.1
g
0.67
0.7
0.73
26.4
27.6
28.7
l1
6.7
7
7.3
263.8
275.6
287.4
l2
3.5
3.5
3.7
137.8
137.8
145.7
L
6.3
6.5
6.7
248
255.9
263.8
C
C
B
E
L
a
b
f
g
c
d
l2
e4
P008B
SOT-223 MECHANICAL DATA
®
STN4NE03L
7/8


Similar Part No. - STN4NE03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
   N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
More results

Similar Description - STN4NE03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
   N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
   N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
   N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
STN4NF03L STMICROELECTRONICS-STN4NF03L Datasheet
260Kb / 8P
   N-CHANNEL 30V - 0.039ohm - 6.5A SOT-223 STripFET??II POWER MOSFET
STN4NF03L STMICROELECTRONICS-STN4NF03L_06 Datasheet
228Kb / 12P
   N-channel 30V - 0.039ohm - 6.5A - SOT-223 STripFET II Power MOSFET
STN2NE06 STMICROELECTRONICS-STN2NE06 Datasheet
84Kb / 8P
   N-CHANNEL 60V - 0.18ohm - 2A - SOT-223 STripFET POWER MOSFET
STN2NF06 STMICROELECTRONICS-STN2NF06 Datasheet
105Kb / 9P
   N - CHANNEL 60V - 0.12ohm - 2A - SOT-223 STripFET POWER MOSFET
STN3NE06 STMICROELECTRONICS-STN3NE06 Datasheet
94Kb / 8P
   N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET
STN2NE10L STMICROELECTRONICS-STN2NE10L Datasheet
85Kb / 8P
   N-CHANNEL 100V - 0.33ohm - 2A SOT-223 STripFET POWER MOSFET
STN2NF10 STMICROELECTRONICS-STN2NF10 Datasheet
259Kb / 8P
   N-CHANNEL 100V - 0.23ohm - 2A SOT-223 STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com