Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74V1T14STR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74V1T14STR
Description  SINGLE SCHMITT INVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1T14STR Datasheet(HTML) 4 Page - STMicroelectronics

  74V1T14STR Datasheet HTML 1Page - STMicroelectronics 74V1T14STR Datasheet HTML 2Page - STMicroelectronics 74V1T14STR Datasheet HTML 3Page - STMicroelectronics 74V1T14STR Datasheet HTML 4Page - STMicroelectronics 74V1T14STR Datasheet HTML 5Page - STMicroelectronics 74V1T14STR Datasheet HTML 6Page - STMicroelectronics 74V1T14STR Datasheet HTML 7Page - STMicroelectronics 74V1T14STR Datasheet HTML 8Page - STMicroelectronics 74V1T14STR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74V1T14
4/9
TEST CIRCUIT
CL = 15/50pF or equivalent (includes jig and probe capacitance)
RT =ZOUT of pulse generator (typically 50Ω)
WAVEFORM: PROPAGATION DELAY (f=1MHz; 50% duty cycle)


Similar Part No. - 74V1T14STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T14S STMICROELECTRONICS-74V1T14S Datasheet
47Kb / 7P
   SINGLE SCHMITT INVERTER
October 1999
More results

Similar Description - 74V1T14STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G14 STMICROELECTRONICS-74V1G14 Datasheet
49Kb / 7P
   SINGLE SCHMITT INVERTER
October 1999
74V1T14 STMICROELECTRONICS-74V1T14 Datasheet
47Kb / 7P
   SINGLE SCHMITT INVERTER
October 1999
74V1G14 STMICROELECTRONICS-74V1G14_04 Datasheet
110Kb / 9P
   SINGLE SCHMITT INVERTER
logo
Rohm
BU4S584G2 ROHM-BU4S584G2 Datasheet
152Kb / 5P
   Single Schmitt inverter
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com