Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM1403ATOQ6F Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM1403ATOQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1403ATOQ6F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM1403ATOQ6F Datasheet HTML 7Page - STMicroelectronics STM1403ATOQ6F Datasheet HTML 8Page - STMicroelectronics STM1403ATOQ6F Datasheet HTML 9Page - STMicroelectronics STM1403ATOQ6F Datasheet HTML 10Page - STMicroelectronics STM1403ATOQ6F Datasheet HTML 11Page - STMicroelectronics STM1403ATOQ6F Datasheet HTML 12Page - STMicroelectronics STM1403ATOQ6F Datasheet HTML 13Page - STMicroelectronics STM1403ATOQ6F Datasheet HTML 14Page - STMicroelectronics STM1403ATOQ6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
STM1403
Pin descriptions
11/35
2
Pin descriptions
See Figure 1: Logic diagram and Table 2: Signal names for a brief overview of the signals
connected to this device.
2.1
SAL, security alarm output (open drain)
This signal can be generated when ANY of the following conditions occur:
VINT > VHV, where VHV = upper voltage trip limit (4.2 V typ); and where VINT = VCC or
VBAT;
VINT < VLV, where VLV = lower voltage trip limit (2.0 V typ); and where VINT = VCC or
VBAT; or
When any of the physical tamper inputs, TP1 to TP4, change from their normal states to
the opposite (i.e., intrusion of a physical enclosure).
Note:
1
The default state of the SAL output during initial power-up is undetermined.
2
The alarm function will operate either with VCC on or when the part is internally switched
from VCC to VBAT.
2.1.1
TP1, TP3
Physical tamper detect pin set normally to high (NH). They are connected externally through
a closed switch or a high-impedance resistor to VOUT (in the case of STM1403A) or VTPU (in
the case of STM1403B/C. A tamper condition will be detected when the input pin is pulled
low (see Figure 5 and Figure 6). If not used, tie the pin to VOUT (for STM1403A) or VTPU (for
STM1403B/C).
2.1.2
TP2, TP4
Physical tamper detect pin set normally to low (NL). They are connected externally through
a high-impedance resistor or a closed switch to VSS. A tamper condition will be detected
when the input pin is pulled high (see Figure 7 and Figure 8). If not used, tie the pin to VSS.
2.1.3
Vccsw, VCC switch output
This output is low when VOUT (see Section 2.1.10: VOUT on page 13) is internally switched
to VCC; in this mode it may be used to turn on an external p-channel MOSFET switch which
can source an external device directly from VCC for currents greater than 80 mA (bypassing
the STM1403).
This pin goes high when VOUT is internally switched to VBAT and may be used as a “BATT
ON” indicator.
If a security alarm (SAL) is issued on tamper, then the state of the Vccsw pin is as follows:


Similar Part No. - STM1403ATOQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1403ATO-Q6F STMICROELECTRONICS-STM1403ATO-Q6F Datasheet
162Kb / 9P
   3V FIPS-140 Security Supervisor with Battery Switchover
More results

Similar Description - STM1403ATOQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
   3V FIPS-140 Security Supervisor with Battery Switchover
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
   Security Supervisor with Battery Switchover
logo
Mixed Signal Integratio...
MSFIPS MSI-MSFIPS Datasheet
97Kb / 8P
   FIPS-140 Level 4 Security Supervisor
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com