Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6904TZEDS6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM6904TZEDS6F
Description  Quad, ultralow voltage supervisor with push-button reset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6904TZEDS6F Datasheet(HTML) 1 Page - STMicroelectronics

  STM6904TZEDS6F Datasheet HTML 1Page - STMicroelectronics STM6904TZEDS6F Datasheet HTML 2Page - STMicroelectronics STM6904TZEDS6F Datasheet HTML 3Page - STMicroelectronics STM6904TZEDS6F Datasheet HTML 4Page - STMicroelectronics STM6904TZEDS6F Datasheet HTML 5Page - STMicroelectronics STM6904TZEDS6F Datasheet HTML 6Page - STMicroelectronics STM6904TZEDS6F Datasheet HTML 7Page - STMicroelectronics STM6904TZEDS6F Datasheet HTML 8Page - STMicroelectronics STM6904TZEDS6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
January 2008
Rev 2
1/21
1
STM6904
Quad, ultralow voltage supervisor
with push-button reset
Features
Quad voltage monitoring
Accurate ±1.8% across temperature voltage
threshold (±1% at 25°C)
Primary supply (VCC) monitor. Fixed (factory -
programmed) reset thresholds: 3.078 V to
2.188 V
Second fixed (V2IN) monitor. Fixed (factory-
programmed) reset thresholds: 2.333 V to
1.110 V
Two additional adjustable supply monitor
inputs (externally adjustable)
0.6V internal reference
RST output (open drain)
Output guaranteed for VCC ≥ 0.8 V
Reset delay time (trec) pin selectable
Manual reset input (MR)
Low supply current of 12 µA (typ)
Power supply voltage 0.8 V to 5.5 V
RoHS compliant (green package)
8-pin MSOP/TSSOP
Operating temperature: –40°C to 85°C
(industrial grade)
Applications
Set-top boxes
Multi-voltage systems
Cable/satellite applications
Computer systems
Data storage equipment
MSOP8
(TSSOP8) (DS)
Table 1.
Device summary(1)
Order code
VRST1 (V)
VRST2 (V)
tREC (ms)
Package
STM6904TZEDS6F
3.078
2.333
210
MSOP8(TSSOP8)
STM6904TWEDS6F
3.078
1.683
210
MSOP8(TSSOP8)
STM6904TGEDS6F
3.078
1.110
210
MSOP8(TSSOP8)
STM6904SYEDS6F
2.955
2.188
210
MSOP8(TSSOP8)
STM6904SFEDS6F
2.955
1.050
210
MSOP8(TSSOP8)
STM6904PWEDS6F
2.866
1.683
210
MSOP8(TSSOP8)
1.
Other reset threshold voltages and tREC time-out periods are offered. Minimum order quantities may apply. Contact local
ST sales office for availability.
www.st.com


Similar Part No. - STM6904TZEDS6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
STM6905 STMICROELECTRONICS-STM6905 Datasheet
175Kb / 19P
   Quintuple, ultralow voltage supervisor with push-button reset
STM6905PWBDS6E STMICROELECTRONICS-STM6905PWBDS6E Datasheet
175Kb / 19P
   Quintuple, ultralow voltage supervisor with push-button reset
More results

Similar Description - STM6904TZEDS6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6905 STMICROELECTRONICS-STM6905 Datasheet
175Kb / 19P
   Quintuple, ultralow voltage supervisor with push-button reset
logo
Micrel Semiconductor
MIC2786 MICREL-MIC2786 Datasheet
585Kb / 17P
   Push-Button Reset IC with Voltage Supervisor
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_08 Datasheet
259Kb / 28P
   5-pin supervisor with watchdog timer and push-button reset
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Linear Technology
LTC2952 LINER-LTC2952 Datasheet
333Kb / 28P
   Push Button PowerPathTM Controller with Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com