Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUY13D Datasheet(PDF) 2 Page - SunLED Corporation

Part # LUY13D
Description  2mm FLAT TOP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUY13D Datasheet(HTML) 2 Page - SunLED Corporation

  LUY13D Datasheet HTML 1Page - SunLED Corporation LUY13D Datasheet HTML 2Page - SunLED Corporation LUY13D Datasheet HTML 3Page - SunLED Corporation LUY13D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Published Date : MAR 22, 2008
Drawing No : SDSA3136
V3
Checked : B.L.LIU
P.2/4
Part Number:
LUY13D
2mm FLAT TOP LED LAMP
www.SunLED.com
UY


Similar Part No. - LUY13D

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUY13430H LIGITEK-LUY13430H Datasheet
118Kb / 6P
   OVAL TYPE LED LAMPS
LUY13430R-S15-PF LIGITEK-LUY13430R-S15-PF Datasheet
112Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUY13432H-S16-PF-B01 LIGITEK-LUY13432H-S16-PF-B01 Datasheet
109Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUY13433-LTS-PF LIGITEK-LUY13433-LTS-PF Datasheet
134Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUY13533H LIGITEK-LUY13533H Datasheet
121Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LUY13D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP13YD KINGBRIGHT-WP13YD Datasheet
74Kb / 3P
   2mm FLAT TOP LED LAMP
WP1034HDT KINGBRIGHT-WP1034HDT Datasheet
109Kb / 4P
   2mm FLAT TOP LED LAMP
WP13ID KINGBRIGHT-WP13ID Datasheet
72Kb / 3P
   2mm FLAT TOP LED LAMP
WP1034GDT KINGBRIGHT-WP1034GDT Datasheet
113Kb / 4P
   2mm FLAT TOP LED LAMP
WP1034YDT KINGBRIGHT-WP1034YDT Datasheet
113Kb / 4P
   2mm FLAT TOP LED LAMP
WP13HD KINGBRIGHT-WP13HD Datasheet
70Kb / 3P
   2mm FLAT TOP LED LAMP
logo
SunLED Corporation
LUG13D SUNLED-LUG13D Datasheet
180Kb / 4P
   2mm FLAT TOP LED LAMP
LUR13D SUNLED-LUR13D Datasheet
181Kb / 4P
   2mm FLAT TOP LED LAMP
logo
Kingbright Corporation
WP1034IDT KINGBRIGHT-WP1034IDT Datasheet
110Kb / 4P
   2mm FLAT TOP LED LAMP
WP13GD KINGBRIGHT-WP13GD Datasheet
74Kb / 3P
   2mm FLAT TOP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com