Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUY11D5V Datasheet(PDF) 1 Page - SunLED Corporation

Part # LUY11D5V
Description  T-1 (3mm) SOLID STATE LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUY11D5V Datasheet(HTML) 1 Page - SunLED Corporation

  LUY11D5V Datasheet HTML 1Page - SunLED Corporation LUY11D5V Datasheet HTML 2Page - SunLED Corporation LUY11D5V Datasheet HTML 3Page - SunLED Corporation LUY11D5V Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number:
LUY11D5V
T-1 (3mm) SOLID STATE LAMP
Published Date : MAR 17, 2008
Drawing No : SDSA4843
V2
Checked : B.L.LIU
P.1/4
www.SunLED.com
Features
LOW POWER CONSUMPTION.
POPULAR T-1 DIAMETER PACKAGE.
GENERAL PURPOSE LEADS.
RELIABLE AND RUGGED.
LONG LIFE - SOLID STATE RELIABILITY.
AVAILABLE ON TAPE AND REEL.
5V INTERNAL RESISTOR.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
( V =5V )
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LUY11D5V
Yellow
GaAsP/GaP
Yellow Diffused
8
14
590
40
°
Absolute Maximum Ratings
(TA=25°C)
UY
(GaAsP/GaP)
Unit
Reverse Voltage
VR
5
V
Forward Voltage
VF
6
V
Power Dissipation
PT
85
mW
Operating Temperature
TA
-40 ~ +70
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
Operating Characteristics
(TA=25°C)
UY
(GaAsP/GaP)
Unit
Forward Current (Typ.)
(VF=5V)
IF
13
mA
Forward Current (Max.)
(VF=5V)
IF
17.5
mA
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak Emis-
sion (Typ.)
(VF=5V)
λ P
590
nm
Wavelength of Dominant
Emission (Typ.)
(VF=5V)
λ D
588
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(VF=5V)
Δλ
35
nm


Similar Part No. - LUY11D5V

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LUY11D SUNLED-LUY11D Datasheet
190Kb / 4P
   T-1 (3mm) SOLID STATE LAMP
LUY11D14V SUNLED-LUY11D14V Datasheet
168Kb / 4P
   T-1 (3mm) SOLID STATE LAMP
More results

Similar Description - LUY11D5V

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP132XID KINGBRIGHT-WP132XID_15 Datasheet
314Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP132XIT KINGBRIGHT-WP132XIT_15 Datasheet
313Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10SED KINGBRIGHT-WP710A10SED_15 Datasheet
325Kb / 6P
   T-1(3mm) SOLID STATE LAMP
WP710A10SRC-J4 KINGBRIGHT-WP710A10SRC-J4_15 Datasheet
321Kb / 6P
   T-1(3mm) SOLID STATE LAMP
WP710A10SURC-E KINGBRIGHT-WP710A10SURC-E_15 Datasheet
318Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10GD5V KINGBRIGHT-WP710A10GD5V_15 Datasheet
324Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10GT KINGBRIGHT-WP710A10GT_15 Datasheet
323Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10LSRD KINGBRIGHT-WP710A10LSRD_15 Datasheet
317Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10ND KINGBRIGHT-WP710A10ND_15 Datasheet
324Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP7104PBD-A KINGBRIGHT-WP7104PBD-A Datasheet
149Kb / 4P
   T-1 (3mm) SOLID STATE LAMP
WP7104SRD14V KINGBRIGHT-WP7104SRD14V Datasheet
402Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com