Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LX1G07STR Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74LX1G07STR
Description  Single buffer/driver with open drain
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G07STR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74LX1G07STR Datasheet HTML 2Page - STMicroelectronics 74LX1G07STR Datasheet HTML 3Page - STMicroelectronics 74LX1G07STR Datasheet HTML 4Page - STMicroelectronics 74LX1G07STR Datasheet HTML 5Page - STMicroelectronics 74LX1G07STR Datasheet HTML 6Page - STMicroelectronics 74LX1G07STR Datasheet HTML 7Page - STMicroelectronics 74LX1G07STR Datasheet HTML 8Page - STMicroelectronics 74LX1G07STR Datasheet HTML 9Page - STMicroelectronics 74LX1G07STR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Maximum rating
74LX1G07
6/20
2.1
Recommended operating conditions
Table 5.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
1.65 to 5.5
V
VI
Input voltage
0 to 5.5
V
VO
Output voltage (VCC = 0 V)
0 to 5.5
V
VO
Output voltage (high or low state)
0 to VCC
V
IOL
High or low level output current (VCC = 4.5 to 5.5 V)
+ 32
mA
IOL
High or low level output current (VCC = 3.0 to 3.6 V)
+24
mA
IOL
High or low level output current (VCC = 2.7 to 3.0 V)
+12mA
IOL
High or low level output current (VCC = 2.3 to 2.7 V)
+8mA
IOL
High or low level output current (VCC = 1.65 to 2.3 V)
+4mA
Top
Operating temperature
-40 to 85
°C
dt/dv
Input rise and fall time
0 to 10
ns/V


Similar Part No. - 74LX1G07STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G07STR STMICROELECTRONICS-74LX1G07STR Datasheet
114Kb / 10P
   SINGLE BUFFER/DRIVER (OPEN DRAIN)
More results

Similar Description - 74LX1G07STR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G07 RENESAS-HD74ALVC1G07 Datasheet
73Kb / 7P
   Single Buffer / Driver with Open Drain
logo
Hitachi Semiconductor
J205557_HD74ALVC1G07 HITACHI-J205557_HD74ALVC1G07 Datasheet
234Kb / 11P
   Single Buffer / Driver with Open Drain
logo
Renesas Technology Corp
HD74ALVC1G07 RENESAS-HD74ALVC1G07_15 Datasheet
105Kb / 9P
   Single Buffer / Driver with Open Drain
RD74LVC1G07 RENESAS-RD74LVC1G07 Datasheet
1Mb / 7P
   Single Buffer / Driver with Open Drain
logo
STMicroelectronics
74LX1G07 STMICROELECTRONICS-74LX1G07 Datasheet
114Kb / 10P
   SINGLE BUFFER/DRIVER (OPEN DRAIN)
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com