Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV7370K6-G Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # HV7370K6-G
Description  Quad, High Speed, 짹100V 850mA, Ultrasound Damper
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

HV7370K6-G Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  HV7370K6-G Datasheet HTML 1Page - Sirectifier Semiconductors HV7370K6-G Datasheet HTML 2Page - Sirectifier Semiconductors HV7370K6-G Datasheet HTML 3Page - Sirectifier Semiconductors HV7370K6-G Datasheet HTML 4Page - Sirectifier Semiconductors HV7370K6-G Datasheet HTML 5Page - Sirectifier Semiconductors HV7370K6-G Datasheet HTML 6Page - Sirectifier Semiconductors HV7370K6-G Datasheet HTML 7Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV7370
Ordering Information
Device
Package Option
32-Lead QFN
5.00x5.00mm body
1.00mm height (max)
0.50mm pitch
HV7370
HV7370K6-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
SS, power supply reference
0V
V
LL, positive logic supply
-0.5V to +7.0V
V
DD, positive logic, level translator supply
-0.5V to +13V
(RGND - V
DP), P-Gate driver supply
+0.5V to -13V
(V
DN - RGND), N-Gate driver supply
-0.5V to +13V
RGND, RTZ-Ground voltage
-2.0V to +2.0V
All logic input PIN
X, NINX and EN voltages
-0.5V to +7.0V
VSUB substrate voltage
+120V
(ND
X - RGND) damping N-MOSFET
BVSUB voltage
+120V
(PD
X - RGND) damping P-MOSFET
BVSUB voltage
-120V
Maximum junction temperature
+150°C
Storage temperature
-65°C to 150°C
Thermal resistance, θ
JA
21.6°C/W
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect device
reliability. All voltages are referenced to device ground.
Pin Configuration
1
32
Package Marking
HV7370
LLLLLL
YYWW
AAACCC
L = Lot Number
YY = Year Sealed
WW = Week Sealed
A = Assembler ID
C = Country of Origin
= “Green” Packaging
32-Lead QFN (K6)
32-Lead QFN (K6)
(top view)
Power-Up Sequence of Pulser & Damper
Step
Description
1
V
SUB
2
V
LL with logic signal low
3
V
DD, VDN, and VDP
4
(V
PP- VPF) and (VNF- VNN)
5
V
PP and VNN
6
Logic control signals
Power-Down Sequence of Pulser & Damper
Step
Description
1
All logic control signals go to low
2
V
PP and VNN
3
(V
PP- VPF) and (VNF- VNN)
4
V
DD, VDN, and VDP
5
V
LL
6
V
SUB


Similar Part No. - HV7370K6-G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HV73 KOA-HV73 Datasheet
381Kb / 2P
   flat chip resistors for high voltage
HV73-RT KOA-HV73-RT Datasheet
380Kb / 2P
   flat chip resistors for high voltage
HV731JT KOA-HV731JT Datasheet
83Kb / 2P
   flat chip resistors for high voltage
HV731JTTD1004D KOA-HV731JTTD1004D Datasheet
83Kb / 2P
   flat chip resistors for high voltage
HV731JTTD1004D KOA-HV731JTTD1004D Datasheet
232Kb / 2P
   flat chip resistors for high voltage
More results

Similar Description - HV7370K6-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
HV732 SUTEX-HV732 Datasheet
332Kb / 10P
   High Speed 짹100V 2A Integrated Ultrasound Pulser
HV732DB1 SUTEX-HV732DB1 Datasheet
802Kb / 8P
   High Speed 짹100V 2A Integrated Ultrasound Pulser Demo Board
logo
Microchip Technology
HV7360 MICROCHIP-HV7360 Datasheet
611Kb / 18P
   High-Speed 짹100V 2.5A Two-or-Three-Level Ultrasound Pulsers
07/14/15
logo
Supertex, Inc
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV739DB1 SUTEX-HV739DB1 Datasheet
860Kb / 8P
   HV739 짹100V 3.0A Ultrasound Pulser Demo Board
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
   Quad High Speed 짹65V 750mA Ultrasound Pulser
HV748 SUTEX-HV748 Datasheet
581Kb / 7P
   Quad High Speed 짹75V 1.25A Ultrasound Pulser
MD2134 SUTEX-MD2134 Datasheet
760Kb / 9P
   High Speed Ultrasound Beamforming Source Driver
MD2131 SUTEX-MD2131 Datasheet
774Kb / 8P
   High Speed Ultrasound Beamforming Source Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com