Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUS01D Datasheet(PDF) 3 Page - SunLED Corporation

Part # LUS01D
Description  10mm SOLID STATE LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUS01D Datasheet(HTML) 3 Page - SunLED Corporation

  LUS01D Datasheet HTML 1Page - SunLED Corporation LUS01D Datasheet HTML 2Page - SunLED Corporation LUS01D Datasheet HTML 3Page - SunLED Corporation LUS01D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Published Date : MAR 19,2008
Drawing No : SDSA2822
V5
Checked : B.L.LIU
P.3/4
Part Number:
LUS01D
10mm SOLID STATE LAMP
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity/ luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity/ luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - LUS01D

ManufacturerPart #DatasheetDescription
logo
RAYEX ELECTRONICS CO., ...
LUS RAYEX-LUS Datasheet
554Kb / 2P
   LUS SERIES
LUS-12 RAYEX-LUS-12 Datasheet
554Kb / 2P
   LUS SERIES
LUS-12H RAYEX-LUS-12H Datasheet
554Kb / 2P
   LUS SERIES
logo
SunLED Corporation
LUS11C SUNLED-LUS11C Datasheet
189Kb / 4P
   T-1 (3mm) SOLID STATE LAMP
LUS11D SUNLED-LUS11D Datasheet
189Kb / 4P
   T-1 (3mm) SOLID STATE LAMP
More results

Similar Description - LUS01D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP813GD KINGBRIGHT-WP813GD_15 Datasheet
314Kb / 6P
   10mm SOLID STATE LAMP
WP813GD KINGBRIGHT-WP813GD Datasheet
259Kb / 6P
   10mm SOLID STATE LAMP
WP813SRD-F KINGBRIGHT-WP813SRD-F Datasheet
260Kb / 6P
   10mm SOLID STATE LAMP
WP813SRD-G KINGBRIGHT-WP813SRD-G Datasheet
260Kb / 6P
   10mm SOLID STATE LAMP
logo
SunLED Corporation
LM2CY01W SUNLED-LM2CY01W Datasheet
182Kb / 4P
   10mm SOLID STATE LAMP
LUG01D SUNLED-LUG01D Datasheet
183Kb / 4P
   10mm SOLID STATE LAMP
logo
Kingbright Corporation
WP813ID KINGBRIGHT-WP813ID Datasheet
259Kb / 6P
   10mm SOLID STATE LAMP
WP813SRC-F KINGBRIGHT-WP813SRC-F Datasheet
260Kb / 6P
   10mm SOLID STATE LAMP
WP813YD KINGBRIGHT-WP813YD Datasheet
260Kb / 6P
   10mm SOLID STATE LAMP
logo
SunLED Corporation
LM2BG01W SUNLED-LM2BG01W Datasheet
191Kb / 4P
   10mm SOLID STATE LAMP
logo
Kingbright Corporation
WP813SRC-J4 KINGBRIGHT-WP813SRC-J4_15 Datasheet
313Kb / 6P
   10mm SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com