Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUR13D Datasheet(PDF) 1 Page - SunLED Corporation

Part # LUR13D
Description  2mm FLAT TOP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUR13D Datasheet(HTML) 1 Page - SunLED Corporation

  LUR13D Datasheet HTML 1Page - SunLED Corporation LUR13D Datasheet HTML 2Page - SunLED Corporation LUR13D Datasheet HTML 3Page - SunLED Corporation LUR13D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 22, 2008
Drawing No : SDSA3135
V3
Checked : B.L.LIU
P.1/4
Part Number:
LUR13D
2mm FLAT TOP LED LAMP
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
MOUNTS FLUSH WITH PANEL.
LOW POWER CONSUMPTION.
SUITABLE FOR AUDIO PANEL INDICATOR.
FITS 2mm HOLE IN PANEL UP TO 3.5mm (.138").
LONG LIFE - SOLID STATE RELIABILITY.
RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=10mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LUR13D
Red
GaAsP/GaP
Red Diffused
5
9
627
70
°
Absolute Maximum Ratings
(TA=25°C)
UR
(GaAsP/GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
160
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm below package base]
260°C For 3 Seconds
°C
Lead Solder Temperature
[5mm below package base]
260°C For 5 Seconds
UR
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current(Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=10mA)
λ P
627
nm
Wavelength of Dominant
Emission (Typ.)
(IF=10mA)
λ D
625
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
45
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用, ou=SPEC
專用, email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.22 15:17:54
+08'00'


Similar Part No. - LUR13D

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUR13430H LIGITEK-LUR13430H Datasheet
254Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUR13430H-S12-PF LIGITEK-LUR13430H-S12-PF Datasheet
108Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUR13430H-S16-PF LIGITEK-LUR13430H-S16-PF Datasheet
119Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUR13430H/S12-PF LIGITEK-LUR13430H/S12-PF Datasheet
108Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LUR13430H/S16-PF LIGITEK-LUR13430H/S16-PF Datasheet
119Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
More results

Similar Description - LUR13D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP13YD KINGBRIGHT-WP13YD Datasheet
74Kb / 3P
   2mm FLAT TOP LED LAMP
WP1034HDT KINGBRIGHT-WP1034HDT Datasheet
109Kb / 4P
   2mm FLAT TOP LED LAMP
WP13ID KINGBRIGHT-WP13ID Datasheet
72Kb / 3P
   2mm FLAT TOP LED LAMP
logo
SunLED Corporation
LUY13D SUNLED-LUY13D Datasheet
181Kb / 4P
   2mm FLAT TOP LED LAMP
logo
Kingbright Corporation
WP1034GDT KINGBRIGHT-WP1034GDT Datasheet
113Kb / 4P
   2mm FLAT TOP LED LAMP
WP1034YDT KINGBRIGHT-WP1034YDT Datasheet
113Kb / 4P
   2mm FLAT TOP LED LAMP
WP13HD KINGBRIGHT-WP13HD Datasheet
70Kb / 3P
   2mm FLAT TOP LED LAMP
logo
SunLED Corporation
LUG13D SUNLED-LUG13D Datasheet
180Kb / 4P
   2mm FLAT TOP LED LAMP
logo
Kingbright Corporation
WP1034IDT KINGBRIGHT-WP1034IDT Datasheet
110Kb / 4P
   2mm FLAT TOP LED LAMP
WP13GD KINGBRIGHT-WP13GD Datasheet
74Kb / 3P
   2mm FLAT TOP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com