Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST4G3235BJR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST4G3235BJR
Description  4-bit dual supply bus buffer level translator with a side series resistor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3235BJR Datasheet(HTML) 1 Page - STMicroelectronics

  ST4G3235BJR Datasheet HTML 1Page - STMicroelectronics ST4G3235BJR Datasheet HTML 2Page - STMicroelectronics ST4G3235BJR Datasheet HTML 3Page - STMicroelectronics ST4G3235BJR Datasheet HTML 4Page - STMicroelectronics ST4G3235BJR Datasheet HTML 5Page - STMicroelectronics ST4G3235BJR Datasheet HTML 6Page - STMicroelectronics ST4G3235BJR Datasheet HTML 7Page - STMicroelectronics ST4G3235BJR Datasheet HTML 8Page - STMicroelectronics ST4G3235BJR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
June 2007
Rev 7
1/21
21
ST4G3235
4-bit dual supply bus buffer level translator
with a side series resistor
Features
High speed: tPD = 4.3ns (Max.) at TA = 85°C
VCCB = 1.65V; VCCA = 3.0V
Low power dissipation:
ICCA = ICCB = 5µA(Max.) at TA=85°C
Symmetrical output impedance:
|IOHA| = IOLA = 10mA Min at
VCCA = 2.75V; VCCB = 1.4V to 3.6V
|IOHB| = IOLB = 4mA Min at
VCCB = 1.65V; VCCA = 1.4 to 3.6V)
Balanced propagation delays:
tPLH ≅ tPHL
Power down protection on inputs and outputs
26Ω series resistor on a side outputs
Operating voltage range:
VCCA(Opr) = 1.4V to 3.6V
VCCB(Opr) = 1.4V to 3.6V
Max data rates:
380Mbps (1.8V to 3.3V translation)
260Mbps (<1.8V to 3.3V translation)
260Mbps (translate to 2.5V)
210Mbps (translate to 1.5V)
Latch-up performance exceeds 500mA
(JESD 17)
ESD performance:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
ROHS compliant for Flip-Chip package
Description
The ST4G3235 is a dual supply low voltage
CMOS 4-bit bus buffer level translator fabricated
with sub-micron silicon gate and five-layer metal
wiring C2MOS technology. Designed for use as an
interface between a 3.3V bus and a 2.5V or 1.8V
bus in a mixed 3.3V/1.8V, 3.3V/2.5V, 1.8V/1.4V
and 2.5V/1.8V supply systems, it achieves high
speed operation while maintaining the CMOS low
power dissipation.
This IC is intended for one-way asynchronous
communication between data buses. The input
and output power down protections disable the
device when both power supply are down, so that
the buses are effectively isolated.
The input tolerant buffers allow to translate VCCB
compatible signals and greater signals than VCCB
up/down to VCCA and viceversa.
All inputs are equipped with protection circuits
against static discharge, giving them ESD
immunity and transient excess voltage.
Flip-Chip11
www.st.com
Table 1. Device summary
Part number
Package
Packaging
ST4G3235BJR
Flip-Chip11
4000 parts per reel


Similar Part No. - ST4G3235BJR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST4G3235BJR STMICROELECTRONICS-ST4G3235BJR Datasheet
544Kb / 13P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results

Similar Description - ST4G3235BJR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST4G3234 STMICROELECTRONICS-ST4G3234 Datasheet
472Kb / 11P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST4G3235 STMICROELECTRONICS-ST4G3235 Datasheet
544Kb / 13P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3234_0508 STMICROELECTRONICS-ST1G3234_0508 Datasheet
170Kb / 15P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
442Kb / 11P
   1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3234B STMICROELECTRONICS-ST1G3234B Datasheet
254Kb / 17P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST1G3236 STMICROELECTRONICS-ST1G3236 Datasheet
356Kb / 19P
   1-bit dual supply bus transceiver level translator with A-side series resistor
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST2G3236 STMICROELECTRONICS-ST2G3236 Datasheet
290Kb / 20P
   2-bit dual supply bus transceiver level translator with a side series resistor
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com