Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HCT132M1R Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HCT132M1R
Description  QUAD 2-INPUT SCHMITT NAND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT132M1R Datasheet(HTML) 3 Page - STMicroelectronics

  M74HCT132M1R Datasheet HTML 1Page - STMicroelectronics M74HCT132M1R Datasheet HTML 2Page - STMicroelectronics M74HCT132M1R Datasheet HTML 3Page - STMicroelectronics M74HCT132M1R Datasheet HTML 4Page - STMicroelectronics M74HCT132M1R Datasheet HTML 5Page - STMicroelectronics M74HCT132M1R Datasheet HTML 6Page - STMicroelectronics M74HCT132M1R Datasheet HTML 7Page - STMicroelectronics M74HCT132M1R Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
M74HCT132
3/8
DC SPECIFICATIONS
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VP
High Level
Threshold Voltage
4.5
1.2
1.55
1.9
1.2
1.9
1.2
1.9
V
5.5
1.4
1.75
2.1
1.4
2.1
1.4
2.1
VN
Low Level
Threshold Voltage
4.5
0.5
0.85
1.2
0.5
1.2
0.5
1.2
V
5.5
0.6
1.1
1.4
0.6
1.4
0.6
1.4
VH
Hysteresis Voltage
4.5
0.4
0.7
1.4
0.4
1.4
0.4
1.4
V
5.5
0.4
0.7
1.5
0.4
1.5
0.4
1.5
VOH
High Level Output
Voltage
4.5
IO=-20 µA
4.4
4.5
4.4
4.4
V
IO=-4.0 mA
4.18
4.31
4.13
4.10
VOL
Low Level Output
Voltage
4.5
IO=20 µA
0.0
0.1
0.1
0.1
V
IO=4.0 mA
0.17
0.26
0.33
0.40
II
Input Leakage
Current
5.5
VI = VCC or GND
± 0.1
± 1
± 1
µA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
110
20
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
4.5
8
151922
ns
tPLH tPHL Propagation Delay
Time
4.5
19
30
38
45
ns
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
45
pF


Similar Part No. - M74HCT132M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT132M1R STMICROELECTRONICS-M74HCT132M1R Datasheet
49Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1998
More results

Similar Description - M74HCT132M1R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F_07 Datasheet
258Kb / 10P
   Quad 2-Input Schmitt NAND Gate
logo
STMicroelectronics
M54HC132 STMICROELECTRONICS-M54HC132 Datasheet
234Kb / 9P
   QUAD 2-INPUT SCHMITT NAND GATE
logo
Toshiba Semiconductor
TC74HC132AP TOSHIBA-TC74HC132AP_07 Datasheet
267Kb / 8P
   Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_12 Datasheet
216Kb / 9P
   Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_V01 Datasheet
273Kb / 5P
   QUAD 2-INPUT SCHMITT NAND GATE
1997-01-30
logo
STMicroelectronics
74VHCT132A STMICROELECTRONICS-74VHCT132A Datasheet
53Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
February 2000
M74HCT132 STMICROELECTRONICS-M74HCT132 Datasheet
49Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1998
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F Datasheet
209Kb / 5P
   QUAD 2-INPUT SCHMITT NAND GATE
logo
STMicroelectronics
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
180Kb / 9P
   QUAD 2-INPUT SCHMITT NAND GATE
March 2002
74VHC132 STMICROELECTRONICS-74VHC132 Datasheet
53Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com