Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC4520M1R Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HC4520M1R
Description  DUAL 4 BIT BINARY COUNTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4520M1R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC4520M1R Datasheet HTML 3Page - STMicroelectronics M74HC4520M1R Datasheet HTML 4Page - STMicroelectronics M74HC4520M1R Datasheet HTML 5Page - STMicroelectronics M74HC4520M1R Datasheet HTML 6Page - STMicroelectronics M74HC4520M1R Datasheet HTML 7Page - STMicroelectronics M74HC4520M1R Datasheet HTML 8Page - STMicroelectronics M74HC4520M1R Datasheet HTML 9Page - STMicroelectronics M74HC4520M1R Datasheet HTML 10Page - STMicroelectronics M74HC4520M1R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
M74HC4520
7/12
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RT = ZOUT of pulse generator (typically 50Ω)
WAVEFORM 1: PROPAGATION DELAY, MINIMUM PULSE WIDTH AND REMOVAL TIMES (CLEAR)
(f=1MHz; 50% duty cycle)


Similar Part No. - M74HC4520M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4520 STMICROELECTRONICS-M74HC4520 Datasheet
270Kb / 13P
   HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
More results

Similar Description - M74HC4520M1R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC393 FAIRCHILD-74VHC393_07 Datasheet
297Kb / 10P
   Dual 4-Bit Binary Counter
logo
Intel Corporation
4520B INTEL-4520B Datasheet
165Kb / 3P
   DUAL 4-BIT BINARY COUNTER
logo
Texas Instruments
SN74LV393A-Q1 TI1-SN74LV393A-Q1 Datasheet
254Kb / 12P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTER
SN74LV393A-EP TI1-SN74LV393A-EP Datasheet
536Kb / 13P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTER
logo
Fairchild Semiconductor
DM74LS393 FAIRCHILD-DM74LS393 Datasheet
56Kb / 6P
   Dual 4-Bit Binary Counter
74VHC393 FAIRCHILD-74VHC393 Datasheet
109Kb / 8P
   Dual 4-Bit Binary Counter
MM74HC393 FAIRCHILD-MM74HC393 Datasheet
84Kb / 7P
   Dual 4-Bit Binary Counter
MM74HC393 FAIRCHILD-MM74HC393_05 Datasheet
89Kb / 8P
   Dual 4-Bit Binary Counter
logo
Toshiba Semiconductor
TC74HC4520AP TOSHIBA-TC74HC4520AP_07 Datasheet
337Kb / 9P
   Dual 4-Bit Binary Counter
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com