Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC4072 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HC4072
Description  DUAL 4-INPUT OR GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4072 Datasheet(HTML) 4 Page - STMicroelectronics

  M74HC4072 Datasheet HTML 1Page - STMicroelectronics M74HC4072 Datasheet HTML 2Page - STMicroelectronics M74HC4072 Datasheet HTML 3Page - STMicroelectronics M74HC4072 Datasheet HTML 4Page - STMicroelectronics M74HC4072 Datasheet HTML 5Page - STMicroelectronics M74HC4072 Datasheet HTML 6Page - STMicroelectronics M74HC4072 Datasheet HTML 7Page - STMicroelectronics M74HC4072 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
M74HC4072
4/8
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/2 (per gate)
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RT = ZOUT of pulse generator (typically 50Ω)
WAVEFORM : PROPAGATION DELAY TIME (f=1MHz; 50% duty cycle)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
22
pF


Similar Part No. - M74HC4072

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4072 STMICROELECTRONICS-M74HC4072 Datasheet
232Kb / 9P
   DUAL 4 INPUT OR GATE
M74HC4072B1R STMICROELECTRONICS-M74HC4072B1R Datasheet
232Kb / 9P
   DUAL 4 INPUT OR GATE
M74HC4072C1R STMICROELECTRONICS-M74HC4072C1R Datasheet
232Kb / 9P
   DUAL 4 INPUT OR GATE
M74HC4072M1R STMICROELECTRONICS-M74HC4072M1R Datasheet
232Kb / 9P
   DUAL 4 INPUT OR GATE
More results

Similar Description - M74HC4072

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4072B STMICROELECTRONICS-HCF4072B Datasheet
144Kb / 7P
   DUAL 4 INPUT OR GATE
logo
Hitachi Semiconductor
HD14072B HITACHI-HD14072B Datasheet
50Kb / 4P
   Dual 4-input OR Gate
logo
STMicroelectronics
M54HC4072 STMICROELECTRONICS-M54HC4072 Datasheet
232Kb / 9P
   DUAL 4 INPUT OR GATE
logo
NXP Semiconductors
HEF4072B PHILIPS-HEF4072B Datasheet
26Kb / 3P
   Dual 4-input OR gate
January 1995
logo
Toshiba Semiconductor
TC74HC4072AP TOSHIBA-TC74HC4072AP Datasheet
177Kb / 4P
   DUAL 4-INPUT OR GATE
logo
ON Semiconductor
MC10H209 ONSEMI-MC10H209 Datasheet
95Kb / 3P
   Dual 4-5- Input OR/NOR Gate
1996 REV 5
MC10109 ONSEMI-MC10109 Datasheet
100Kb / 5P
   Dual 4-5-Input OR/NOR Gate
1996 REV 5
logo
Fairchild Semiconductor
11C01 FAIRCHILD-11C01 Datasheet
119Kb / 3P
   Dual 5-4 Input OR/NOR Gate
logo
Motorola, Inc
MC1688 MOTOROLA-MC1688 Datasheet
500Kb / 7P
   DUAL 4-5-INPUT OR/NOR GATE
logo
ON Semiconductor
MC10109 ONSEMI-MC10109_02 Datasheet
107Kb / 8P
   Dual 4-5-Input OR/NOR Gate
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com