Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC4040 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HC4040
Description  12 STAGE BINARY COUNTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4040 Datasheet(HTML) 3 Page - STMicroelectronics

  M74HC4040 Datasheet HTML 1Page - STMicroelectronics M74HC4040 Datasheet HTML 2Page - STMicroelectronics M74HC4040 Datasheet HTML 3Page - STMicroelectronics M74HC4040 Datasheet HTML 4Page - STMicroelectronics M74HC4040 Datasheet HTML 5Page - STMicroelectronics M74HC4040 Datasheet HTML 6Page - STMicroelectronics M74HC4040 Datasheet HTML 7Page - STMicroelectronics M74HC4040 Datasheet HTML 8Page - STMicroelectronics M74HC4040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
M74HC4040
3/11
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW at 65
°C; derate to 300mW by 10mW/°C from 65°C to 85°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500(*)
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr, tf
Input Rise and Fall Time
VCC = 2.0V
0 to 1000
ns
VCC = 4.5V
0 to 500
ns
VCC = 6.0V
0 to 400
ns


Similar Part No. - M74HC4040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
265Kb / 13P
   HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
M74HC4040B1R STMICROELECTRONICS-M74HC4040B1R Datasheet
265Kb / 13P
   HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
M74HC4040C1R STMICROELECTRONICS-M74HC4040C1R Datasheet
265Kb / 13P
   HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
M74HC4040F1R STMICROELECTRONICS-M74HC4040F1R Datasheet
265Kb / 13P
   HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
M74HC4040M1R STMICROELECTRONICS-M74HC4040M1R Datasheet
265Kb / 13P
   HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
More results

Similar Description - M74HC4040

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4040 HITACHI-HD74HC4040 Datasheet
54Kb / 9P
   12-stage Binary Counter
logo
Renesas Technology Corp
HD74LV4040A RENESAS-HD74LV4040A Datasheet
185Kb / 11P
   12-stage Binary Counter
HD74HC4040 RENESAS-HD74HC4040_15 Datasheet
113Kb / 9P
   12-stage Binary Counter
HD74LV4040A RENESAS-HD74LV4040A_15 Datasheet
205Kb / 13P
   12-stage Binary Counter
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
67Kb / 7P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74LV4040A HITACHI-HD74LV4040A Datasheet
95Kb / 17P
   12-stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com