Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC48F4400PJXC0 Datasheet(PDF) 8 Page - Numonyx B.V

Part # PC48F4400PJXC0
Description  Numonyx Wireless Flash Memory (W18)
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PJXC0 Datasheet(HTML) 8 Page - Numonyx B.V

Back Button PC48F4400PJXC0 Datasheet HTML 4Page - Numonyx B.V PC48F4400PJXC0 Datasheet HTML 5Page - Numonyx B.V PC48F4400PJXC0 Datasheet HTML 6Page - Numonyx B.V PC48F4400PJXC0 Datasheet HTML 7Page - Numonyx B.V PC48F4400PJXC0 Datasheet HTML 8Page - Numonyx B.V PC48F4400PJXC0 Datasheet HTML 9Page - Numonyx B.V PC48F4400PJXC0 Datasheet HTML 10Page - Numonyx B.V PC48F4400PJXC0 Datasheet HTML 11Page - Numonyx B.V PC48F4400PJXC0 Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
8
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
1.2
Conventions
Table 2:
Conventions
“1.8 V”
Refers to the full VCC voltage range of 1.7 V – 1.95 V (except where noted) and “VPP = 12 V” refers to 12 V
±5%.
Set
Refers to registers means the bit is a logical 1 and cleared means the bit is a logical 0.
Pin and signal
Often used interchangeably to refer to the external signal connections on the package (ball is the term used for
VF BGA).
Word
2 bytes or 16 bits.
Signal
Names are in all CAPS (see
Section 4.2, “Signal Descriptions” on page 18.)
Voltage
Applied to the signal is subscripted for example VPP.
Throughout this document, references are made to top, bottom, parameter, and partition. To clarify these references, the
following conventions have been adopted:
Block
A group of bits (or words) that erase simultaneously with one block erase instruction.
Main block
Contains 32-Kwords.
Parameter
block
Contains 4-Kwords.
Block Base
Address (BBA)
The first address of a block.
Partition
A group of blocks that share erase and program circuitry and a common Status Register.
Partition Base
Address (PBA)
The first address of a partition. For example, on a 32-Mbit top-parameter device partition number 5 has a PBA
of 0x140000.
Top partition
Located at the highest physical device address. This partition may be a main partition or a parameter partition.
Bottom
partition
Located at the lowest physical device address. This partition may be a main partition or a parameter partition.
Main partition
Contains only main blocks.
Parameter
partition
Contains a mixture of main blocks and parameter blocks.
Top parameter
device
Has the parameter partition at the top of the memory map with the parameter blocks at the top of that
partition. This was formerly referred to as a Top-Boot device.
Bottom
parameter
device (BPD)
Has the parameter partition at the bottom of the memory map with the parameter blocks at the bottom of that
partition. This was formerly referred to as a Bottom-Boot Block flash device.


Similar Part No. - PC48F4400PJXC0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
PC48F4400P0T1B0 NUMONYX-PC48F4400P0T1B0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
PC48F4400P0T1U0 NUMONYX-PC48F4400P0T1U0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
PC48F4400P0T1V0 NUMONYX-PC48F4400P0T1V0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
PC48F4400P0TBB0 NUMONYX-PC48F4400P0TBB0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
PC48F4400P0TBU0 NUMONYX-PC48F4400P0TBU0 Datasheet
2Mb / 139P
   StrataFlash짰 Cellular Memory
More results

Similar Description - PC48F4400PJXC0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
   Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
251407-13 NUMONYX-251407-13 Datasheet
652Kb / 46P
   Wireless Flash Memory (W18/W30 SCSP)
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Micron Technology
JS28F128P30TF75A MICRON-JS28F128P30TF75A Datasheet
1Mb / 90P
   Numonyx Axcell P30-65nm Flash Memory
JS28F512P30TFA MICRON-JS28F512P30TFA Datasheet
11Mb / 86P
   Numonyx Axcell P30-65nm Flash Memory
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Numonyx B.V
TE28F320J3D-75 NUMONYX-TE28F320J3D-75 Datasheet
911Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
logo
Intel Corporation
28F128W18 INTEL-28F128W18 Datasheet
1Mb / 100P
   Intel짰 Wireless Flash Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com